Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS30111-M050 Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS30111-M050
Description  High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30111-M050 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS30111-M050 Datasheet HTML 2Page - Semtech Corporation TS30111-M050 Datasheet HTML 3Page - Semtech Corporation TS30111-M050 Datasheet HTML 4Page - Semtech Corporation TS30111-M050 Datasheet HTML 5Page - Semtech Corporation TS30111-M050 Datasheet HTML 6Page - Semtech Corporation TS30111-M050 Datasheet HTML 7Page - Semtech Corporation TS30111-M050 Datasheet HTML 8Page - Semtech Corporation TS30111-M050 Datasheet HTML 9Page - Semtech Corporation TS30111-M050 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TS30111
Final Datasheet
Rev 1.0
June 2, 2015
www.semtech.com
6 of 21
Semtech
Regulator Characteristics
Electrical characteristics, T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Switch Mode Regulator: L=3.3uH and C=22uF
V
OUT-PWM
Output Voltage Error in PWM Mode
I
LOAD =700 mA
±2%
V
V
OUT-PFM
Output Voltage Tolerance in PFM Mode
I
LOAD = 0A
V
OUT + 1%
V
R
DSON
High Side Switch On Resistance
I
VSW = -700mA (Note 1)
240
Low Side Switch On Resistance
I
VSW = 700mA (Note 1)
160
I
OUT
Output Current
700
mA
I
OCD
Over Current Detect
HS switch current
1.2
A
FB
TH
Feedback Reference
(Adjustable Mode)
(Note 3)
0.8
V
FB
TH-TOL
Feedback Reference
Absolute Tolerance
(Note 3)
1.5
%
t
SS
Soft start Ramp Time
4
ms
FB
TH-PFM
PFM Mode FB Comparator Threshold
V
OUT + 1%
V
V
OUT-UV
VOUT Under Voltage Threshold
93% V
OUT
V
OUT-UV_HYST
VOUT Under Voltage Hysteresis
1.5% V
OUT
V
OUT-OV
VOUT Over Voltage Threshold
103% V
OUT
V
OUT-OV_HYST
VOUT Over Voltage Hysteresis
1% V
OUT
DUTY
MAX
Max Duty Cycle
(Note 2)
95%
97%
99%
Note 1: R
DSON is characterized at 600mA and tested at lower current in production.
Note 2: Regulator VSW pin is forced off for 240ns every 8 cycles to ensure the BST cap is replenished.
Note 3: For the adjustable version, the ratio of VCC/V
OUT cannot exceed 16.
Note 4: Based on Over Current Detect testing


Similar Part No. - TS30111-M050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30111-M050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com