Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS30011-M050 Datasheet(PDF) 7 Page - Semtech Corporation

Part # TS30011-M050
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30011-M050 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button TS30011-M050 Datasheet HTML 3Page - Semtech Corporation TS30011-M050 Datasheet HTML 4Page - Semtech Corporation TS30011-M050 Datasheet HTML 5Page - Semtech Corporation TS30011-M050 Datasheet HTML 6Page - Semtech Corporation TS30011-M050 Datasheet HTML 7Page - Semtech Corporation TS30011-M050 Datasheet HTML 8Page - Semtech Corporation TS30011-M050 Datasheet HTML 9Page - Semtech Corporation TS30011-M050 Datasheet HTML 10Page - Semtech Corporation TS30011-M050 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
7 of 18
Semtech
Functional Description
The TS30011/12/13 current-mode synchronous step-down
power supply product is ideal for use in the commercial,
industrial, and automotive market segments. It includes
flexibility to be used for a wide range of output voltages and
is optimized for high efficiency power conversion with low
RDSON integrated synchronous switches. A 1MHz internal
switching frequency facilitates low cost LC filter combinations.
Additionally, the fixed output versions enable a minimum
external component count to provide a complete regulation
solution with only 4 external components: an input bypass
capacitor, an inductor, an output capacitor, and the bootstrap
capacitor. The regulator automatically transitions between
PFM and PWM mode to maximize efficiency for the load
demand.
The TS30011/12/13 was designed to provide these system
benefits:
• Reduced board real estate
• Lower system cost
Œ
Lower cost inductor
Œ
Low external parts count
• Ease of design
Œ
Bill of Materials and suggested board layout provided
Œ
Power Good output
Œ
Integrated compensation network
Œ
Wide input voltage range
• Robust solution
Œ
Over current, over voltage and over temperature
protection
Detailed Pin Description
Unregulated input, VCC
This terminal is the unregulated input voltage source for the
IC. It is recommended that a 10uF bypass capacitor be placed
close to the device for best performance. Since this is the main
supply for the IC, good layout practices need to be followed for
this connection.
Bootstrap control, BST
This terminal will provide the bootstrap voltage required for
the upper internal NMOS switch of the buck regulator. An
external ceramic capacitor placed between the BST input
terminal and the VSW pin will provide the necessary voltage
for the upper switch. In normal operation the capacitor is
re-charged on every low side synchronous switching action.
In the case of where the switch mode approaches 100% duty
cycle for the high side FET, the device will automatically reduce
the duty cycle switch to a minimum off time on every 8th cycle
to allow this capacitor to re-charge.
Sense feedback, FB
This is the input terminal for the output voltage feedback.
For the fixed mode versions, this should be hooked directly
to V
OUT. The connection on the PCB should be kept as short
as possible, and should be made as close as possible to the
capacitor. The trace should not be shared with any other
connection. (Figure 23)
For adjustable mode versions, this should be connected to
the external resistor divider. To choose the resistors, use the
following equation:
V
OUT = 0.9 (1 + RTOP/RBOT)
The input to the FB pin is high impedance, and input current
should be less than 100nA. As a result, good layout practices
are required for the feedback resistors and feedback traces.
When using the adjustable version, the feedback trace should
be kept as short as possible and minimum width to reduce
stray capacitance and to reduce the injection of noise.
For the adjustable version, the ratio of VCC/V
OUT cannot
exceed 16.


Similar Part No. - TS30011-M050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30011-M050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com