Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS81000 Datasheet(PDF) 8 Page - Semtech Corporation

Part # TS81000
Description  High Efficiency Receiver Controller for Wireless Power Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS81000 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button TS81000 Datasheet HTML 4Page - Semtech Corporation TS81000 Datasheet HTML 5Page - Semtech Corporation TS81000 Datasheet HTML 6Page - Semtech Corporation TS81000 Datasheet HTML 7Page - Semtech Corporation TS81000 Datasheet HTML 8Page - Semtech Corporation TS81000 Datasheet HTML 9Page - Semtech Corporation TS81000 Datasheet HTML 10Page - Semtech Corporation TS81000 Datasheet HTML 11Page - Semtech Corporation TS81000 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TS81000
Final Datasheet
Rev 1.3
June 2, 2015
www.semtech.com
8 of 16
Semtech
Internal Registers
Address
Name
Type
Description
0x00
BOOTFW_REV_L
R/W
Bootloader Firmware Revision Low Register
0x01
BOOTFW_REV_H
R/W
Bootloader Firmware Revision High Register
0x02
FW_REV_L
R/W
Firmware Revision Low Register
0x03
FW_REV_H
R/W
Firmware Revision High Register
0x04
MODE_L
R/W
Operating Mode Low Register
0x05
MODE_H
R/W
Operating Mode High Register
0x06
RESET_L
R/W
Reset Low Register
0x07
RESET_H
R/W
Reset High Register
0x08
STATUS
R
Main Status Register
0x09
STATUS0
R
Status0 Register
0x0A
STATUS1
R
Status1 Register
0x0B
STATUS2
R
Status2 Register
0x0C
STATUS3
R
Status3 Register
0x0D-0x7F
RESERVED. Will be defined later.
Bootloader Firmware Revision Low Register (BOOTFW_REV_L)
Address:
0x00
Reset value:
Minor version number of the bootloader firmware
7
6
5
4
3
2
1
0
REV_L[7:0]
r
r
r
r
r
r
r
r
Bits 7:0 REV_L[7:0]: Bootloader Firmware Revision Low
These bits contain the minor version number of the bootloader firmware.
Bootloader Firmware Revision High Register (BOOTFW_REV_H)
Address:
0x01
Reset value:
Major version number of the bootloader firmware
7
6
5
4
3
2
1
0
REV_H[7:0]
r
r
r
r
r
r
r
r
Bits 7:0 REV_H[7:0]: Bootloader Firmware Revision High
These bits contain the major version number of the bootloader firmware.


Similar Part No. - TS81000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
More results

Similar Description - TS81000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com