Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHB102VGGA Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SHB102VGGA
Description  4 DDR3-800/1066 DIMM support up to 8 GB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SHB102VGGA Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SHB102VGGA Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
5
200
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Features
DDR3 DIMM
SATA-300
COM 1/2
Internal K/B+M/S
USB
LPT
Ethernet
VGA
Audio
USB
FDD
LGA775
SHB102
LGA775 Intel® Core™2 Quad/Core™2 Duo
& Celeron® Processor PICMG 1.3
Full-size CPU Card with Intel® Q45 +
ICH10DO, Dual LANs, iAMT and iTPM
LGA775 for Intel® Core™2 Quad/ Core™2 Duo and Celeron®
processor with 800/1066/1333 MHz
4 DDR3-800/1066 DIMM support up to 8 GB
Intel® GMA X4500 high performance integrated graphics
controller with DX10 and OpenGL 2.1
6 SATA-300 with RAID 0, 1, 10 and 5
Intel® AMT & TPM supported
Supports PCI Express 2.0 x16
I/O
Ordering Information
Packing List
System
MIO
1 x FDD
1 x PS/2 keyboard
1 x PS/2 mouse
1 x LPT; with SPP/EPP/ECP supported
1 x RS-232 (COM 1)
1 x RS-232/422/485 (COM 2)
SATA
6 x SATA-300 with RAID 0/1/10/5
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1st port as 10/100/1000Mbps supports iAMT,
Wake-on-LAN, RPL/PXE Boot ROM with Intel® 82567LM
2nd port as 10/100/1000Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Intel® 82574L
Audio
HD Codec audio as MIC-in/Line-in/Line-out/speaker-out
with Realtek ALC888
USB
12 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Standard
SHB102VGGA
(P/N: E38C102100)
LGA775 socket PICMG 1.3 full-size CPU card with VGA,
2 GbE LAN, iAMT, iTPM, RAID and Audio
Optional
593836A0030E
4-pin power cable to SATA x 2, L=150 mm
5938A808010E
2 x USB cable with bracket, P=2.54 mm, L=190 mm
59384500100E
Audio cable P=2.0 mm, L=450 mm
59380000290E
PS/2 keyboard & mouse cable with bracket
E9C900B008
LGA775 slim cooler 3P H=25 mm (for 1U Chassis)
E9C900B009
LGA775 cooler 3p H=66.8 mm (for 2U/4U/Shoebox)
E9C900B010
LGA775 cooler 4p H=61.4 mm (for 2U/4U/Shoebox)
* This product must use a proprietary CPU cooler.
we strongly recommend purchasing from Axiomtek.
Standard
Quick installation guides, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380502000E
COM + Print cable w/ bracket
1
593826A0000E
SATA signal cable 500 mm
1
CPU
LGA775 socket for Intel® Core™2 Quad/ Core™2 Duo and
Celeron® processor with FSB 800/1066/1333 MHz
System Memory
4 x 240-pin DIMM support DDR3-800/1066 max. up to 8 GB
Chipset
Intel® Q45 + ICH10DO
BIOS
AMI BIOS
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCIe x16 graphics port supports for SDVO or PCIe x1
devices
4 x PCIe lanes support 1 PCIe x4 or 4 PCIe x1 I/O devices
4 x 32-bit PCI bus masters
16-bit ISA
Battery
Lithium 3V/196 mAH
Power Requirements
Intel® Q9400 @2.66 GHz, 2 GB DDR3
+5V_SBY @ 502mA, +3.3V @ 921mA, +5V @ 2.283A,
+12V (System) @ 362mA, -12V @ NA, +12V (CPU) @ 2.392A
Size
338 x 126 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Display
Chipset
Intel® GMA X4500 graphics core
Memory Size
Intel® DVMT 5.0 compliant
Display Interface
1 x VGA
DDR3
DDR3
DDR3


Similar Part No. - SHB102VGGA

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB102VGGA AXIOMTEK-SHB102VGGA Datasheet
179Kb / 2P
   4 DDR3-800/1066 DIMM support up to 8 GB
More results

Similar Description - SHB102VGGA

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB102 AXIOMTEK-SHB102_14 Datasheet
179Kb / 2P
   4 DDR3-800/1066 DIMM support up to 8 GB
SHB111 AXIOMTEK-SHB111_16 Datasheet
177Kb / 1P
   2 DDR3-800/1066 DIMM support up to 8 GB memory capacity
IMB205 AXIOMTEK-IMB205_14 Datasheet
243Kb / 2P
   4 DDR3-1066/1333 DIMM support up to 16 GB
IMB206 AXIOMTEK-IMB206_14 Datasheet
300Kb / 2P
   4 DDR3-1066/1333 DIMM support up to 16 GB
IMB206 AXIOMTEK-IMB206_16 Datasheet
241Kb / 1P
   4 DDR3-1066/1333 DIMM support up to 16 GB
SHB213 AXIOMTEK-SHB213_16 Datasheet
239Kb / 1P
   2 DDR3-1066/1333 SO-DIMM support up to 8 GB
IPC122-833-FL AXIOMTEK-IPC122-833-FL_16 Datasheet
517Kb / 2P
   DDR3-800/1066 SO-DIMM supports up to 4 GB memory
SBC81210 AXIOMTEK-SBC81210_14 Datasheet
189Kb / 1P
   2 DDR3 1066/1333 DIMM support up to 8 GB memory capacity
EBOX622-830-FL AXIOMTEK-EBOX622-830-FL Datasheet
378Kb / 1P
   204-pin DDR3-800/1066 SO-DIMM max. up to 4 GB
SBC81210 AXIOMTEK-SBC81210_16 Datasheet
178Kb / 1P
   2 DDR3-1066/1333 DIMM support up to 8 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com