Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS30013-M018 Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS30013-M018
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30013-M018 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS30013-M018 Datasheet HTML 2Page - Semtech Corporation TS30013-M018 Datasheet HTML 3Page - Semtech Corporation TS30013-M018 Datasheet HTML 4Page - Semtech Corporation TS30013-M018 Datasheet HTML 5Page - Semtech Corporation TS30013-M018 Datasheet HTML 6Page - Semtech Corporation TS30013-M018 Datasheet HTML 7Page - Semtech Corporation TS30013-M018 Datasheet HTML 8Page - Semtech Corporation TS30013-M018 Datasheet HTML 9Page - Semtech Corporation TS30013-M018 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
6 of 18
Semtech
Regulator Characteristics
Electrical Characteristics, T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Switch Mode Regulator: L=4.7uH and C=2 x 22uF
Output Voltage Tolerance in PWM Mode
V
OUT-PWM
I
LOAD =1A
V
OUT – 2%
V
OUT
V
OUT + 2%
V
Output Voltage Tolerance in PFM Mode
V
OUT-PFM
I
LOAD = 0A
V
OUT – 1%
V
OUT + 1%
V
OUT + 3%
V
High Side Switch On Resistance
R
DSON
I
VSW = -1A (Note 1)
180
Low Side Switch On Resistance
I
VSW = 1A (Note 1)
120
Output Current
I
OUT
TS30013 (Note 4)
3
A
TS30012 (Note 4)
2
A
TS30011
1
A
Over Current Detect
(High Side Switch Current)
I
OCD
TS30013
3.4
3.8
4.4
A
TS30012
2.4
2.8
3.4
A
TS30011
1.4
1.8
2.4
A
Feedback Reference (Adjustable Mode)
FB
TH
(Note 3)
0.886
0.9
0.914
V
Feedback Reference Tolerance
FB
TH-TOL
(Note 3)
-1.5
1.5
%
Soft start Ramp Time
t
SS
4
ms
PFM Mode FB Comparator Threshold
FB
TH-PFM
V
OUT + 1%
V
V
OUT Under Voltage Threshold
V
OUT-UV
91% V
OUT
93% V
OUT
95% V
OUT
V
OUT Under Voltage Hysteresis
V
OUT-UV_HYST
1.5% V
OUT
V
OUT Over Voltage Threshold
V
OUT-OV
103% V
OUT
V
OUT Over Voltage Hysteresis
V
OUT-OV_HYST
1% V
OUT
Max Duty Cycle
DUTY
MAX
(Note 2)
95%
97%
99%
Note 1: R
DSON is characterized at 1A and tested at lower current in production.
Note 2: Regulator VSW pin is forced off for 240ns every 8 cycles to ensure the BST cap is replenished.
Note 3: For the adjustable version, the ratio of VCC/Vout cannot exceed 16.
Note 4: Based on Over Current Detect testing


Similar Part No. - TS30013-M018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30013-M018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com