Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1023003 Datasheet(PDF) 3 Page - SICK AG

Part # 1023003
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1023003 Datasheet(HTML) 3 Page - SICK AG

  1023003 Datasheet HTML 1Page - SICK AG 1023003 Datasheet HTML 2Page - SICK AG 1023003 Datasheet HTML 3Page - SICK AG 1023003 Datasheet HTML 4Page - SICK AG 1023003 Datasheet HTML 5Page - SICK AG 1023003 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MLG3-0870F521 | MLG
MEASURING AUTOMATION LIGHT GRIDS
2016-01-29 09:44:08 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3
Power consumption sender
≥ 200 mA 2)
Power consumption receiver
≥ 190 mA 2)
Ripple
< 5 Vpp
Output current Imax.
≤ 100 mA 3)
Output load capacitive
100 nF
Output load inductive
1 H
Initialization time
1 s
Dimensions (W x H x D)
34 mm x 964 mm x 29 mm
Housing material
Aluminum
Indication
7-segment display, 7-segment display
Synchronization
Cable
Enclosure rating
IP 65
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Weight
≥ 2.501 kg
Front screen
PMMA
1) Without load.
2) Without load with 24 V.
3) Typical value.
Ambient data
Protection class
III
EMC
EN 60947-5-2
Ambient temperature
Operation: –25 °C ... +55 °C
Storage: –40 °C ... +70 °C
Ambient light immunity
Direct: 12,500 lx 1)
Indirect: 50,000 lx 1)
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 68-2-6)
Shock load
10 g / IEC 68-2-29 / 16 ms
1) Sunlight.


Similar Part No. - 1023003

ManufacturerPart #DatasheetDescription
logo
SICK AG
1023002 SICK-1023002 Datasheet
1Mb / 7P
   CONTRAST SENSORS
logo
ERNI Electronics
102300250003 ERNI-102300250003 Datasheet
96Kb / 1P
   F 1,27 SRC P SKV, 12-pol. KS
logo
SICK AG
1023008 SICK-1023008 Datasheet
290Kb / 6P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1023003

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com