Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP100N06S2-05 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP100N06S2-05
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP100N06S2-05 Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPP100N06S2-05 Datasheet HTML 1Page - Infineon Technologies AG SPP100N06S2-05 Datasheet HTML 2Page - Infineon Technologies AG SPP100N06S2-05 Datasheet HTML 3Page - Infineon Technologies AG SPP100N06S2-05 Datasheet HTML 4Page - Infineon Technologies AG SPP100N06S2-05 Datasheet HTML 5Page - Infineon Technologies AG SPP100N06S2-05 Datasheet HTML 6Page - Infineon Technologies AG SPP100N06S2-05 Datasheet HTML 7Page - Infineon Technologies AG SPP100N06S2-05 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2003-05-09
Page 7
SPP100N06S2-05
SPB100N06S2-05
13 Typ. avalanche energy
EAS = f (Tj)
par.: ID = 80 A, VDD = 25 V, RGS = 25 Ω
25
45
65
85
105
125
145
°C
185
Tj
0
100
200
300
400
500
600
700
mJ
850
14 Typ. gate charge
VGS = f (QGate)
parameter: ID = 100 A pulsed
0
20
40
60
80 100 120 140 160 nC 200
QGate
0
2
4
6
8
10
12
V
16
SPP100N06S2-05
0,8 VDS max
DS max
V
0,2
15 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
parameter: ID=10 mA
-60
-20
20
60
100
140
°C
200
Tj
50
52
54
56
58
60
62
V
66
SPP100N06S2-05


Similar Part No. - SPP100N06S2-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP100N06S2L-05 INFINEON-SPP100N06S2L-05 Datasheet
310Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
More results

Similar Description - SPP100N06S2-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com