Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37560M5-XXXGP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M37560M5-XXXGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37560M5-XXXGP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M37560M5-XXXGP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37560M5-XXXGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7560 Group
7
GROUP EXPANSION
Mitsubishi plans to expand the 7560 group as follows.
Memory Type
Support for mask ROM version.
Memory Size
ROM size ........................................................... 32 K to 60 K bytes
RAM size .......................................................... 1024 to 2560 bytes
Packages
100P6Q-A .................................. 0.5 mm-pitch plastic molded QFP
100P6S-A ................................ 0.65 mm-pitch plastic molded QFP
Memory Expansion Plan
Fig. 5 Memory expansion plan
ROM size (bytes)
RAM size (bytes)
2565127681024128015361792
192
2048
2304
2560
32K
28K
24K
20K
16K
12K
8K
4K
52K
48K
44K
40K
36K
56K
60K
M37560MF
Under development
M37560M8
Under development
Currently products are listed below.
Table 3. List of products
As of Mar. 2001
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Package
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A
Product
M37560M8-XXXFP
M37560M8-XXXGP
M37560MF-XXXFP
M37560MF-XXXGP
RAM size (bytes)
1024
32768
(32638)
61440
(61310)
ROM size (bytes)
ROM size for User in (
)
2560


Similar Part No. - M37560M5-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37560M5A-XXXFP RENESAS-M37560M5A-XXXFP Datasheet
879Kb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560M5A-XXXGP RENESAS-M37560M5A-XXXGP Datasheet
879Kb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560M5D-XXXFP RENESAS-M37560M5D-XXXFP Datasheet
1Mb / 90P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560M5D-XXXFS RENESAS-M37560M5D-XXXFS Datasheet
1Mb / 90P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560M5D-XXXGP RENESAS-M37560M5D-XXXGP Datasheet
1Mb / 90P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37560M5-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com