Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE350A Datasheet(PDF) 2 Page - Protek Devices

Part # 1.5KE350A
Description  1500 WATT TVS COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

1.5KE350A Datasheet(HTML) 2 Page - Protek Devices

  1.5KE350A Datasheet HTML 1Page - Protek Devices 1.5KE350A Datasheet HTML 2Page - Protek Devices 1.5KE350A Datasheet HTML 3Page - Protek Devices 1.5KE350A Datasheet HTML 4Page - Protek Devices 1.5KE350A Datasheet HTML 5Page - Protek Devices 1.5KE350A Datasheet HTML 6Page - Protek Devices 1.5KE350A Datasheet HTML 7Page - Protek Devices 1.5KE350A Datasheet HTML 8Page - Protek Devices 1.5KE350A Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05458.R2 12/14
Page 2
1.5KE SERIES
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp =10/1000µs) - See Figure 1 and Note 2
P
PP
1,500
Watts
Power Dissipation on Infinite Heatsink at T
L = 75°C
P
D
6.5
Watts
Peak Forward Surge Current, 8.3ms single half sinewave - Unidirectional Only (Note 2)
I
FSM
200
Amps
Maximum Instantaneous Forward Voltage at 100A - Unidirectional Only (Note 3)
V
F
3.5/5.0
V
NOTE
1. Non-repetitive current pulse per Figure 2 and derated above TA = 25°C per Figure 2.
2. Measured on 8.3ms single half sinewave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
3. V
F < 3.5V for devices of VBR <200V and VF <5.0V for devices of VBR > 201V.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1-3)
REVERSE
STAND-OFF
VOLTAGE
V
RWM
VOLTS
BREAKDOWN
VOLTAGE
V
(BR) @ IT
VOLTS
TEST
CURRENT
@ I
T
mA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P
V
C
VOLTS
MAXIMUM
REVERSE
SURGE
CURRENT
@I
PP
AMPS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@V
RWM
I
R
µA
MIN
MAX
1.5KE6.8
5.5
6.12
7.48
10
10.8
139.0
1000
1.5KE6.8A
5.8
6.46
7.14
10
10.5
143.0
1000
1.5KE7.5
6.1
6.75
8.25
10
11.7
128.0
500
1.5KE7.5A
6.4
7.13
7.88
10
11.3
133.0
500
1.5KE8.2
6.6
7.38
9.02
10
12.5
120.0
200
1.5KE8.2A
7.0
7.79
8.61
10
12.1
124.0
200
1.5KE9.1
7.4
8.19
10.01
1
13.8
109.0
50
1.5KE9.1A
7.8
8.65
9.56
1
13.4
112.0
50
1.5KE10
8.1
9.00
11.00
1
15.0
100.0
10
1.5KE10A
8.6
9.50
10.50
1
14.5
103.0
10
1.5KE11
8.9
9.90
12.10
1
16.2
92.6
5
1.5KE11A
9.4
10.45
11.55
1
15.6
96.2
5
1.5KE12
9.7
10.80
13.20
1
17.3
86.7
5
1.5KE12A
10.2
11.40
12.60
1
16.7
89.8
5
1.5KE13
10.5
11.70
14.30
1
19.0
79.0
1
1.5KE13A
11.1
12.35
13.65
1
18.2
82.4
1
1.5KE15
12.1
13.50
16.50
1
22.0
68.2
1
1.5KE15A
12.8
14.25
15.75
1
21.2
70.8
1
1.5KE16
12.9
14.40
17.60
1
23.5
63.8
1
1.5KE16A
13.6
15.20
16.80
1
22.5
66.7
1
1.5KE18
14.5
16.20
19.80
1
26.5
56.6
1
1.5KE18A
15.3
17.10
18.90
1
25.2
59.5
1


Similar Part No. - 1.5KE350A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE350A VISHAY-1.5KE350A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE350A VISHAY-1.5KE350A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Transys Electronics
1.5KE350A TRSYS-1.5KE350A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE350A LUGUANG-1.5KE350A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE350A TSC-1.5KE350A Datasheet
110Kb / 3P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE350A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com