Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQF35-25-5000-08 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF35-25-5000-08
Description  Nominal centre frequency fo: 35.25 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF35-25-5000-08 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF35-25-5000-08 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
07 October 2009
Specification for monolithic crystal filter:
M Q F 3 5 . 2 5 - 5 0 0 0 / 0 8
1. General
1.1. Package:
Please note:
- package is not suitable for reflow soldering
- filters are 2002 / 95 / EC RoHS compliant
1.2.
Type name:
MQF 35.25-5000/08
1.3.
Number of poles:
6
1.4.
Operating temperature range:
-20°C to +70°C
1.5.
Storage temperature range:
-45°C to +85°C
2.
Electric values
2.1.
Nominal centre frequency fo:
35.25 MHz
2.2.
Pass band
2.2.1. Centre frequency fc:
35.25 MHz  2.0 kHz
2.2.2. Bandwidth between 3 dB - frequencies:
> fc  25 kHz
2.2.3. Ripple:
< 1.5 dB at fc  17.5 kHz
2.2.4. Insertion loss:
< 5.0 dB
( measured on smallest attenuation in pass band )
2.3.
Stop band
2.3.1. fc  100 kHz:
> 70 dB
2.3.2. Alternate attenuation:
fo  910 kHz
> 60 dB
2.3.3. Spurious responses:
> 60 dB
2.4.
Terminating impedance ( input and output ):
50  // 0 pF
2.5.
Maximum Input power level (working/non-damaged):
0 / +10 dBm
3.
Marking:
4.
Environment conditions:
Corresponding to Vectron standard CF001
___________________________________________________________________________________
Edited by:
date: _____________________________ name: _____________________________


Similar Part No. - MQF35-25-5000-08

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF35-25-5000-07 VECTRON-MQF35-25-5000-07 Datasheet
72Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
More results

Similar Description - MQF35-25-5000-08

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF35-25-2200-02 VECTRON-MQF35-25-2200-02 Datasheet
169Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF37-4-0600-03 VECTRON-MQF37-4-0600-03 Datasheet
72Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF35-25-2600-05 VECTRON-MQF35-25-2600-05 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF35-25-2600-06 VECTRON-MQF35-25-2600-06 Datasheet
84Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF35-25-5000-07 VECTRON-MQF35-25-5000-07 Datasheet
72Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF35-25-2200-06 VECTRON-MQF35-25-2200-06 Datasheet
194Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF35-25-4000-06 VECTRON-MQF35-25-4000-06 Datasheet
193Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF35-25-4000-02 VECTRON-MQF35-25-4000-02 Datasheet
169Kb / 1P
   Nominal centre frequency fo: 35.25 MHz
MQF21-4-3000-20 VECTRON-MQF21-4-3000-20 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-4000-19 VECTRON-MQF21-4-4000-19 Datasheet
115Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com