Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE500 Datasheet(PDF) 3 Page - Protek Devices

Part # 1.5KE500
Description  1500 WATT TVS COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

1.5KE500 Datasheet(HTML) 3 Page - Protek Devices

  1.5KE500 Datasheet HTML 1Page - Protek Devices 1.5KE500 Datasheet HTML 2Page - Protek Devices 1.5KE500 Datasheet HTML 3Page - Protek Devices 1.5KE500 Datasheet HTML 4Page - Protek Devices 1.5KE500 Datasheet HTML 5Page - Protek Devices 1.5KE500 Datasheet HTML 6Page - Protek Devices 1.5KE500 Datasheet HTML 7Page - Protek Devices 1.5KE500 Datasheet HTML 8Page - Protek Devices 1.5KE500 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05458.R2 12/14
Page 3
1.5KE SERIES
TYPICAL DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1-3)
REVERSE
STAND-OFF
VOLTAGE
V
RWM
VOLTS
BREAKDOWN
VOLTAGE
V
(BR) @ IT
VOLTS
TEST
CURRENT
@ I
T
mA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P
V
C
VOLTS
MAXIMUM
REVERSE
SURGE
CURRENT
@I
PP
AMPS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@V
RWM
I
R
µA
MIN
MAX
1.5KE20
16.2
18.00
22.00
1
29.1
51.6
1
1.5KE20A
17.1
19.00
21.00
1
27.7
54.2
1
1.5KE22
17.8
19.80
24.20
1
31.9
47.0
1
1.5KE22A
18.8
20.90
23.10
1
30.6
49.0
1
1.5KE24
19.4
21.60
26.40
1
34.7
43.2
1
1.5KE24A
20.5
22.80
25.20
1
33.2
45.2
1
1.5KE27
21.8
24.30
29.70
1
39.1
38.4
1
1.5KE27A
23.1
25.65
28.35
1
37.5
40.0
1
1.5KE30
24.3
27.00
33.00
1
43.5
34.5
1
1.5KE30A
25.6
28.50
31.50
1
41.4
36.2
1
1.5KE33
26.8
29.70
36.30
1
47.7
31.5
1
1.5KE33A
28.2
31.35
34.65
1
45.7
32.8
1
1.5KE36
29.1
32.40
39.60
1
52.0
28.9
1
1.5KE36A
30.8
34.20
37.80
1
49.9
30.1
1
1.5KE39
31.6
35.10
42.90
1
56.4
26.6
1
1.5KE39A
33.3
37.05
40.95
1
53.9
27.8
1
1.5KE43
34.8
38.70
47.30
1
61.9
24.2
1
1.5KE43A
36.8
40.85
45.15
1
59.3
25.3
1
1.5KE47
38.1
42.30
51.70
1
67.8
22.1
1
1.5KE47A
40.2
44.65
49.35
1
64.8
23.2
1
1.5KE51
41.3
45.90
56.10
1
73.5
20.4
1
1.5KE51A
43.6
48.45
53.55
1
70.1
21.4
1
1.5KE56
45.4
50.40
61.60
1
80.5
18.6
1
1.5KE56A
47.8
53.20
58.80
1
77.0
19.5
1
1.5KE62
50.2
55.80
68.20
1
89.0
16.9
1
1.5KE62A
53.0
58.90
65.10
1
85.0
17.7
1
1.5KE68
55.1
61.20
74.80
1
98.0
15.3
1
1.5KE68A
58.1
64.60
71.40
1
92.0
16.3
1
1.5KE75
60.7
67.50
82.50
1
108.0
13.9
1
1.5KE75A
64.1
71.25
78.75
1
103.0
14.6
1
1.5KE82
66.4
73.80
90.20
1
118.0
12.7
1
1.5KE82A
70.1
77.90
86.10
1
113.0
13.3
1
1.5KE91
73.7
81.90
100.10
1
131.0
11.5
1
1.5KE91A
77.8
86.45
95.55
1
125.0
12.0
1


Similar Part No. - 1.5KE500

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1.5KE500 WILLAS-1.5KE500 Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
Socay Electornics Co., ...
1.5KE500 SOCAY-1.5KE500 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
1.5KE500 LUGUANG-1.5KE500 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE500 LUGUANG-1.5KE500 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE500 LUGUANG-1.5KE500 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE500

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com