Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0402V05 Datasheet(PDF) 3 Page - Protek Devices

Part # P0402V05
Description  ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0402V05 Datasheet(HTML) 3 Page - Protek Devices

  P0402V05_15 Datasheet HTML 1Page - Protek Devices P0402V05_15 Datasheet HTML 2Page - Protek Devices P0402V05_15 Datasheet HTML 3Page - Protek Devices P0402V05_15 Datasheet HTML 4Page - Protek Devices P0402V05_15 Datasheet HTML 5Page - Protek Devices P0402V05_15 Datasheet HTML 6Page - Protek Devices P0402V05_15 Datasheet HTML 7Page - Protek Devices P0402V05_15 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05392.R3 10/15
Page 3
P0402V Series
TYPICAL DEVICE CHARACTERISTICS
I
PP
100%
90%
10%
tr = 0.7ns to 1ns
30ns
60ns
t
FIGURE 2
TYPICAL ESD WAVEFORM
FIGURE 3
ESD WAVE AFTER CLAMPING


Similar Part No. - P0402V05_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0402V05 PROTEC-P0402V05 Datasheet
551Kb / 7P
   ultra low capacitance esd pr otection component
More results

Similar Description - P0402V05_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
   Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
   Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
   Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com