Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30KP64A Datasheet(PDF) 4 Page - Protek Devices

Part # P30KP64A
Description  30kW POWER TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P30KP64A Datasheet(HTML) 4 Page - Protek Devices

  P30KP64A Datasheet HTML 1Page - Protek Devices P30KP64A Datasheet HTML 2Page - Protek Devices P30KP64A Datasheet HTML 3Page - Protek Devices P30KP64A Datasheet HTML 4Page - Protek Devices P30KP64A Datasheet HTML 5Page - Protek Devices P30KP64A Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05315.R7 9/15
Page 4
P30KP30A - P30KP260A
TYPICAL DEVICE CHARACTERISTICS
T
J = 25°C
f = 1MHz
Bidirectional @ V
R
Unidirectional V-0V
Bidirectional V-0V
Unidirectional @ V
R
FIGURE 4
TYPICAL JUNCTION CAPACITANCE
0
100
200
300
V
BR - Reverse Breakdown Voltage - V
100
1,000
10,000
100,000
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - P30KP64A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP64A PROTEC-P30KP64A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP64A PROTEC-P30KP64A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
More results

Similar Description - P30KP64A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
SM30KPA30AN PROTEC-SM30KPA30AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com