Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P15KP33 Datasheet(PDF) 7 Page - Protek Devices

Part # P15KP33
Description  15kW POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P15KP33 Datasheet(HTML) 7 Page - Protek Devices

  P15KP33 Datasheet HTML 1Page - Protek Devices P15KP33 Datasheet HTML 2Page - Protek Devices P15KP33 Datasheet HTML 3Page - Protek Devices P15KP33 Datasheet HTML 4Page - Protek Devices P15KP33 Datasheet HTML 5Page - Protek Devices P15KP33 Datasheet HTML 6Page - Protek Devices P15KP33 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05314.R6 9/15
Page 7
P15KP17 - P15KP280A
COMPANY INFORMATION
COPYRIGHT © ProTek Devices 2009 - This literature is subject to all applicable copyright laws and is not for resale in any manner.
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice.
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice and that the final judgement concerning selection and specifications is the buyer’s and that in furnishing engineering
and technical assistance. ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek makes no warranty, representation or guarantee regarding the suitability of
its products for any particular purpose, nor does ProTek assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability without limitation special,
consequential or incidental damages.
LIFE SUPPORT POLICY: ProTek Devices products are not authorized for use in life support systems without written consent from the factory.
CONTACT US
Corporate Headquarters
2929 South Fair Lane
Tempe, Arizona 85282
USA
By Telephone
General: 602-431-8101
Sales: & Marketing: 602-414-5109
Customer Service: 602-414-5114
Product Technical Support: 602-414-5107
By Fax
General: 602-431-2288
By E-mail:
Asia Sales: asiasales@protekdevices.com
Europe Sales: europesales@protekdevices.com
U.S. Sales: ussales@protekdevices.com
Distributor Sales: distysales@protekdevices.com
Customer Service: service@protekdevices.com
Technical Support: support@protekdevices.com
ProTek Devices (Asia Pacific) Pte. Ltd.
8 Ubi Road 2, #06-19
Zervex
Singapore - 408538
Tel: +65-67488312
Fax: +65-67488313
Web
www.protekdevices.com
COMPANY PROFILE
In business more than 20 years, ProTek Devices™ is a privately held semiconductor company. The company offers a product line of overvoltage pro-
tection and overcurrent protection components. These include transient voltage suppressor array (TVS arrays) avalanche breakdown diode, steering
diode TVS array and electronics SMD chip fuses. These components deliver circuit protection in electronic systems from numerous overvoltage and
overcurrent events. They include lightning; electrostatic discharge (ESD); nuclear electromagnetic pulses (NEMP); inductive switching; and electro-
magnetic interference (EMI) / radio frequency interference (RFI). ProTek Devices also offers high performance interface and linear products. They
include analog switches; multiplexers; LED drivers; LED wafer die for ESD protection; audio control ICs; RF and related high frequency products.
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - P15KP33

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP33 PROTEC-P15KP33 Datasheet
424Kb / 7P
   15kW power tvs component
P15KP33 PROTEC-P15KP33 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP33A PROTEC-P15KP33A Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
More results

Similar Description - P15KP33

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com