Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P15KP36 Datasheet(PDF) 2 Page - Protek Devices

Part # P15KP36
Description  15kW POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P15KP36 Datasheet(HTML) 2 Page - Protek Devices

  P15KP36 Datasheet HTML 1Page - Protek Devices P15KP36 Datasheet HTML 2Page - Protek Devices P15KP36 Datasheet HTML 3Page - Protek Devices P15KP36 Datasheet HTML 4Page - Protek Devices P15KP36 Datasheet HTML 5Page - Protek Devices P15KP36 Datasheet HTML 6Page - Protek Devices P15KP36 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05314.R6 9/15
Page 2
P15KP17 - P15KP280A
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
15,000
Watts
Forward Surge Rating - 1/120 seconds - See Note 2
I
F
200
Amps
Steady State Power Dissipation
P
P
1.0
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 - 2)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µS
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
MIN
V
(BR)
VOLTS
@I
T
mA
P15KP17
17.0
18.9
50
5000
32.3V @ 464.0A
19
P15KP17A
17.0
18.9
50
5000
29.3V @ 512.0A
17
P15KP18
18.0
20.0
50
5000
34.2V @ 439.0A
20
P15KP18A
18.0
20.0
50
5000
30.9V @ 485.0A
18
P15KP20
20.0
22.2
20
1500
37.9V @ 396.0A
24
P15KP20A
20.0
22.2
20
1500
34.3V @ 437.0A
21
P15KP22
22.0
24.4
10
500
41.1V @ 365.0A
27
P15KP22A
22.0
24.4
10
500
37.1V @ 404.0A
24
P15KP24
24.0
26.7
5
150
45.0V @ 333.0A
30
P15KP24A
24.0
26.7
5
150
40.7V @ 369.0A
27
P15KP26
26.0
28.9
5
50
48.7V @ 308.0A
32
P15KP26A
26.0
28.9
5
50
44.0V @ 341.0A
29
P15KP28
28.0
31.1
5
25
52.4V @ 286.0A
35
P15KP28A
28.0
31.1
5
25
47.5V @ 316.0A
31
P15KP30
30.0
33.3
5
15
56.2V @ 267.0A
27
P15KP30A
30.0
33.3
5
15
50.7V @ 296.0A
34
P15KP33
33.0
36.7
5
10
60.6V @ 248.0A
42
P15KP33A
33.0
36.7
5
10
54.8V @ 274.0A
38
P15KP36
36.0
40.0
5
10
66.0V @ 227.0A
46
P15KP36A
36.0
40.0
5
10
59.7V @ 251.0A
41
P15KP40
40.0
44.4
5
10
72.8V @ 206.0A
51
P15KP40A
40.0
44.4
5
10
65.8V @ 228.0A
46
P15KP43
43.0
47.8
5
10
77.1V @ 195.0A
55
P15KP43A
43.0
47.8
5
10
69.7V @ 215.0A
50
P15KP45
45.0
50.0
5
10
80.7V @ 186.0A
57
P15KP45A
45.0
50.0
5
10
73.0V @ 205.0A
52
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - P15KP36

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP36 PROTEC-P15KP36 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP36A PROTEC-P15KP36A Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
More results

Similar Description - P15KP36

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com