Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPS175-E-1206 Datasheet(PDF) 6 Page - Protek Devices

Part # PMPS175-E-1206
Description  POLYMER PTC DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMPS175-E-1206 Datasheet(HTML) 6 Page - Protek Devices

  PMPS175-E-1206 Datasheet HTML 1Page - Protek Devices PMPS175-E-1206 Datasheet HTML 2Page - Protek Devices PMPS175-E-1206 Datasheet HTML 3Page - Protek Devices PMPS175-E-1206 Datasheet HTML 4Page - Protek Devices PMPS175-E-1206 Datasheet HTML 5Page - Protek Devices PMPS175-E-1206 Datasheet HTML 6Page - Protek Devices PMPS175-E-1206 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05462.R0 6/14
Page 6
PMPS-E-1206 SERIES
TAPE AND REEL
ORDERING INFORMATION
BASE PART NUMBER
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
PMPSxxx-E-1206
N/A
-T7
4,000
7”
N/A
This device is only available in a Lead-Free configuration. The ambient temperature for storage is -40°C~40°C, with a maximum relative humidity recommended at 70%RH.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
SPECIFICATIONS
REEL DIA.
TAPE
WIDTH
A0
B0
K0
D
E
F
W
P0
P2
P
t
178mm (7”)
8mm
1.77 ± 0.10 3.40 ± 0.10 0.90 ± 0.10 1.55 ± 0.05 1.75 ± 0.10 3.50 ± 0.10 8.00 ± 0.20 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10 0.22±0.05
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 4,000 pieces per 8mm tape.
4. Marking on Part - marking code.


Similar Part No. - PMPS175-E-1206

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS150-1812 PROTEC-PMPS150-1812 Datasheet
544Kb / 6P
   Surface mount PTC devices are the preferred over-current protection method for computer
PMPS150E-1206 PROTEC-PMPS150E-1206 Datasheet
389Kb / 6P
   POLYMER PTC DEVICE
PMPS150E_1206 PROTEC-PMPS150E_1206_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS150_1812 PROTEC-PMPS150_1812_15 Datasheet
547Kb / 6P
   POLYMER PTC DEVICE
More results

Similar Description - PMPS175-E-1206

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS200_1812 PROTEC-PMPS200_1812_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS260C_1812 PROTEC-PMPS260C_1812_15 Datasheet
437Kb / 6P
   POLYMER PTC DEVICE
PMPS-E-1206 PROTEC-PMPS-E-1206_15 Datasheet
392Kb / 7P
   POLYMER PTC DEVICE
PMPS075_1812 PROTEC-PMPS075_1812_15 Datasheet
394Kb / 6P
   POLYMER PTC DEVICE
PLRO1210-190 PROTEC-PLRO1210-190 Datasheet
440Kb / 5P
   POLYMER PTC DEVICE
PMPS150E_1206 PROTEC-PMPS150E_1206_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS380E_1206 PROTEC-PMPS380E_1206_15 Datasheet
545Kb / 6P
   POLYMER PTC DEVICE
PMPS150_1812 PROTEC-PMPS150_1812_15 Datasheet
547Kb / 6P
   POLYMER PTC DEVICE
PLRO1206-300 PROTEC-PLRO1206-300 Datasheet
441Kb / 5P
   POLYMER PTC DEVICE
PMPS200D-1210 PROTEC-PMPS200D-1210 Datasheet
389Kb / 6P
   POLYMER PTC DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com