Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15KPA54CA Datasheet(PDF) 4 Page - Protek Devices

Part # SM15KPA54CA
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA54CA Datasheet(HTML) 4 Page - Protek Devices

  SM15KPA54CA Datasheet HTML 1Page - Protek Devices SM15KPA54CA Datasheet HTML 2Page - Protek Devices SM15KPA54CA Datasheet HTML 3Page - Protek Devices SM15KPA54CA Datasheet HTML 4Page - Protek Devices SM15KPA54CA Datasheet HTML 5Page - Protek Devices SM15KPA54CA Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05293.R6 12/15
Page 4
SM15KPA17A - SM15KPA220CA
SMD-15 PACKAGE INFORMATION
PACKAGE OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
13.46
14.22
0.530
0.560
B
9.52
9.78
0.375
0.385
C
5.08
5.18
0.200
0.204
D
8.15
8.25
0.321
0.325
E
2.55
2.65
0.100
0.104
F
6.65
6.75
0.262
0.266
G
2.65
3.15
0.104
0.124
H
3.15
3.25
0.124
0.128
J
2.25
2.54
0.090
0.100
K
3.15
3.25
0.124
0.128
L
1.25
1.35
0.049
0.053
M
2.51
2.61
0.099
0.103
N
0.70
0.80
0.028
0.031
P
0.70
0.80
0.028
0.031
Q
0.80
1.03
0.031
0.041
R
0.80
1.03
0.031
0.041
T
8.12
9.14
0.320
0.360
W
0.25
0.50
0.010
0.020
V
5.08
5.18
0.200
0.204
H
J
C
D
E
F
G
Bottom View
B
A
K
L
M
N
P
Q
R
W
T
Side View
V


Similar Part No. - SM15KPA54CA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA54CA PROTEC-SM15KPA54CA Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results

Similar Description - SM15KPA54CA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com