Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15KPA33AN Datasheet(PDF) 3 Page - Protek Devices

Part # SM15KPA33AN
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA33AN Datasheet(HTML) 3 Page - Protek Devices

  SM15KPA33AN Datasheet HTML 1Page - Protek Devices SM15KPA33AN Datasheet HTML 2Page - Protek Devices SM15KPA33AN Datasheet HTML 3Page - Protek Devices SM15KPA33AN Datasheet HTML 4Page - Protek Devices SM15KPA33AN Datasheet HTML 5Page - Protek Devices SM15KPA33AN Datasheet HTML 6Page - Protek Devices SM15KPA33AN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05417.R7 3/16
Page 3
SM15KPA17AN - SM15KPA480CAN
TYPICAL DEVICE CHARACTERISTICS
RTCA DO-160G COMPLIANT PRODUCT
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 - 2)
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
UNI
BI
MIN
V
(BR)
VOLTS
@I
T
mA
SM15KPA120AN
A2A
A2C
120.0
133.0
5
10
193.0V @ 78.0A
145
SM15KPA130AN
A3A
A3C
130.0
144.0
5
10
209.0V @ 72.0A
157
SM15KPA150AN
A5A
A5C
150.0
167.0
5
10
243.0V @ 62.0A
183
SM15KPA160AN
A6A
A6C
160.0
178.0
5
10
259.0V @ 58.0A
195
SM15KPA170AN
A7A
A7C
170.0
189.0
5
10
275.0V @ 55.0A
207
SM15KPA180AN
A8A
A8C
180.0
200.0
5
10
291.0V @ 52.0A
219
SM15KPA200AN
B0A
B0C
200.0
222.0
5
10
322.0V @ 47.0A
243
SM15KPA220AN
B2A
B2C
220.0
245.0
5
10
356.0V @ 42.0A
269
SM15KPA240AN
B4A
B4C
240.0
267.0
5
10
388.0V @ 39.0A
293
SM15KPA260AN
B6A
B6C
260.0
289.0
5
10
419.0V @ 36.0A
317
SM15KPA280AN
B8A
B8C
280.0
311.0
5
10
452.0V @ 33.0A
342
SM15KPA480AN
D8A
D8C
480.0
528.0
5
10
791.0V @ 18.9A
460
NOTES
1. Part numbers shown are unidirectional devices. Add a “C” suffix to specify bidirectional devices, such as SM15KPA20CAN.
2. V
F(MAX) = 15 Volts @ 200A, 8.3ms(1/2 Sine Wave) - Unidirectional devices only.


Similar Part No. - SM15KPA33AN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA33A PROTEC-SM15KPA33A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA33A PROTEC-SM15KPA33A Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results

Similar Description - SM15KPA33AN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com