Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM30KPA70CAN Datasheet(PDF) 1 Page - Protek Devices

Part # SM30KPA70CAN
Description  30kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM30KPA70CAN Datasheet(HTML) 1 Page - Protek Devices

  SM30KPA70CAN Datasheet HTML 1Page - Protek Devices SM30KPA70CAN Datasheet HTML 2Page - Protek Devices SM30KPA70CAN Datasheet HTML 3Page - Protek Devices SM30KPA70CAN Datasheet HTML 4Page - Protek Devices SM30KPA70CAN Datasheet HTML 5Page - Protek Devices SM30KPA70CAN Datasheet HTML 6Page - Protek Devices SM30KPA70CAN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05435.R10 2/16
Page 1
SM30KPA30AN - SM30KPA320CAN
30kW SURFACE MOUNT POWER TVS COMPONENT
DESCRIPTION
The SM30KPAN Series are high-powered surface mount transient voltage suppression components designed to pro-
tect equipment and systems from the damaging effects of high voltage spikes. The surface mount package configura-
tion provides a lower profile compared to legacy axial lead package configurations.
These devices provide 30,000 Watts of peak pulse power dissipation for an 10/1000µs waveform. Applications include
AC and DC power line protection, terrestrial base station protection as well as module lightning protection.
FEATURES
• RTCA DO-160G COMPLIANT PRODUCT
• Compatible with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-
Ground), L4(Line-Line) & L1 (Power)
• 30,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional and Bidirectional Configurations
• Easy Mounting to Printed Circuit Board
• Available in Multiple Voltages
• tClamping (0V to V
(BR)Min) < 100ps, Theoretical for Unidirectional and
5ns for Bidirectional
• RoHS Complaint (Exemption #7)
MECHANICAL CHARACTERISTICS
• Approximate Weight: 4 grams
• Lead-Free Silver Plating
• Solder Reflow Temperature: 260-270°C
• Flammability Rating UL 94V-0
• Marking: Logo and Marking Code
APPLICATIONS
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection for AC/DC
CIRCUIT DIAGRAMS
Unidirectional
Bidirectional
SURFACE MOUNT
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - SM30KPA70CAN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM30KPA75A PROTEC-SM30KPA75A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
More results

Similar Description - SM30KPA70CAN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com