Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS120-7SFP Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # ACS120-7SFP
Description  AC LINE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACS120-7SFP Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  ACS120-7SFP Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACS120-7SFP Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACS120-7SB/SFP/ST
2/11
Symbol
Parameter
Value
Unit
VDRM /VRRM
Repetitive peak off-state voltage
Tj = -10 °C
700
V
IT(RMS)
RMS on-state current full cycle sine
wave 50 to 60 Hz
DPAK
Tc = 115 °C
2
A
TO-220FPAB
Tc = °C
TO-220AB
Tc = 115 °C
ITSM
Non repetitive surge peak on-state current
Tj initial = 25°C, full cycle sine wave
F =50 Hz
20
A
F =60 Hz
11
A
I
2t
Fusing capability
tp = 10ms
2.2
A²s
dI/dt
Repetitive on-state current critical rate
of rise IG = 10mA (tr < 100ns)
Tj = 125°C
F = 120 Hz
50
A/
µs
VPP
Non repetitive line peak pulse voltage
note 1
2kV
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 30 to + 125
°C
Tl
Maximum lead soldering temperature during 10s
260
°C
Note 1: according to test described by IEC61000-4-5 standard & Figure 3.
ABSOLUTE RATINGS (limiting values)
For either positive or negative polarity of pin OUT voltage in respect to pin COM voltage
Symbol
Parameter
Value
Unit
PG (AV)
Average gate power dissipation
0.1
W
IGM
Peak gate current (tp = 20µs)
1
A
VGM
Peak positive gate voltage (in respect to pin COM)
5
V
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
S = 0.5cm²
DPAK
70
°C/W
TO-220FPAB
60
°C/W
TO-220AB
60
°C/W
Rth (j-l)
Junction to tab/lead for full cycle sine wave
conduction
DPAK
2.6
°C/W
TO-220FPAB
3.5
°C/W
TO-220AB
2.6
°C/W
S = Copper surface under Tab
THERMAL RESISTANCES
www.kersemi.com


Similar Part No. - ACS120-7SFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS120-7SFP STMICROELECTRONICS-ACS120-7SFP Datasheet
119Kb / 11P
   AC LINE SWITCH
ACS120-7SFP STMICROELECTRONICS-ACS120-7SFP Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
ACS120-7SFP-TR STMICROELECTRONICS-ACS120-7SFP-TR Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
More results

Similar Description - ACS120-7SFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
   AC LINE SWITCH
logo
STMicroelectronics
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
   AC LINE SWITCH
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
   AC LINE SWITCH
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
   AC LINE SWITCH
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
   AC LINE SWITCH
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
   QUAD AC LINE SWITCH ARRAY
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
   3-line overvoltage protected AC switch array
July 2013 Rev 1
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com