Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR03AM Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # CR03AM
Description  Leakage protector, timer, gas ignitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

CR03AM Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  CR03AM Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. CR03AM Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. CR03AM Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. CR03AM Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. CR03AM Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3V
DC
IGS
IGT
6V
DC
60
VGT
2
1
TUT
1k
RGK
A3
A2
V1
A1
SWITCH 1 : IGT measurement
SWITCH 2 : VGT measurement
(Inner resistance of voltage meter is about 1k
Ω)
V3. IGT, VGT measurement circuit.
SWITCH
CR03AM
ELECTRICAL CHARACTERISTICS
Symbol
IRRM
IDRM
VTM
VGT
VGD
IGT
IH
Rth (j-a)
Test conditions
Tj=110
°C, VRRM applied
Tj=110
°C, VDRM applied, RGK=1kΩ
Ta=25
°C, ITM=4A, instantaneous value
Tj=25
°C, VD=6V, IT=0.1A V3
Tj=110
°C, VD=1/2VDRM, RGK=1kΩ
Tj=25
°C, VD=6V, IT=0.1A V3
Tj=25
°C, VD=12V, RGK=1kΩ
Junction to ambient
Unit
mA
mA
V
V
V
µA
mA
°C/W
Typ.
1.5
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Holding current
Thermal resistance
Limits
Min.
0.2
1
Max.
0.1
0.1
1.8
0.8
100
V2
3
180
V2. If special values of IGT are required, choose at least two items from those listed in the table below. (Example: AB, BC)
B
20 ~ 50
C
40 ~ 100
Item
IGT (
µA)
A
1 ~ 30
The above values do not include the current flowing through the 1k
Ω resistance between the gate and cathode.
PERFORMANCE CURVES
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
101
7
5
3
2
100
7
5
3
2
10–1
7
5
3
2
10–2
Ta = 25
°C
100
23
5 7 101
8
4
23
5 7 102
44
12
16
20
6
2
10
14
18
0
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
www.kersemi.com


Similar Part No. - CR03AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR03AM MITSUBISHI-CR03AM Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
logo
Suntac Electronic Corp.
CR03AM SUNTAC-CR03AM Datasheet
128Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
ARTSCHIP ELECTRONICS CO...
CR03AM ARTSCHIP-CR03AM Datasheet
69Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
More results

Similar Description - CR03AM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
   Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
   Gas Discharge Tube Surge Protector
logo
List of Unclassifed Man...
P8AX ETC1-P8AX Datasheet
118Kb / 4P
   Gas Tube Coaxial Surge Protector
logo
Bourns Electronic Solut...
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
   Gas Discharge Tube Surge Protector
2033-80 BOURNS-2033-80 Datasheet
399Kb / 3P
   Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2036-XX-SM BOURNS-2036-XX-SM Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM_16 Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com