Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF55V10SC Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SRF55V10SC
Description  Security & Chip Card ICs (my-d vicinity)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SRF55V10SC Datasheet(HTML) 4 Page - Infineon Technologies AG

  SRF55V10SC Datasheet HTML 1Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 2Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 3Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 4Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 5Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 6Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 7Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 8Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
my-d vicinity
SRF 55V10S
Short Product Information
4 / 10
2002-07-30
Document References
Confidential Data Sheet
Qualification report chip
Chip delivery specification for wafer with chip-layout (die size, orientation, …)
Module specification containing description of package, product logistic etc.
Qualification report module
Inlay specification containing description of package, product logistic etc.
Qualification report inlay
Development Tool Overview
my-d vicinity evaluation and demonstration kit
1
Ordering and Packaging information
Table 1
Ordering Information
Type
Package1)
Memory
Pages
Ordering Code
User
Admin.
SRF 55V10S C
Die
Q67100H4897
SRF 55V10S MCC8 P-MCC8-2-1
on request
SRF 55V10S Y1.0
Inlay 45 x 45 mm2
Q67100H4906
SRF 55V10S Y2.0
Inlay 45 x 76 mm2
1024 bytes
256 bytes
128
Q67100H4907
1) Available as a die (C) for customer packaging, as inlay (Y) or as a Module Contactless Card (MCC) for embedding in
plastic cards


Similar Part No. - SRF55V10SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V10P INFINEON-SRF55V10P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PC INFINEON-SRF55V10PC Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PMCC8 INFINEON-SRF55V10PMCC8 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PY1.0 INFINEON-SRF55V10PY1.0 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PY2.0 INFINEON-SRF55V10PY2.0 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
More results

Similar Description - SRF55V10SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V02S INFINEON-SRF55V02S Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V02P INFINEON-SRF55V02P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)???
2002-07-30
SRF55V10P INFINEON-SRF55V10P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com