Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF55V10SC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SRF55V10SC
Description  Security & Chip Card ICs (my-d vicinity)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SRF55V10SC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SRF55V10SC Datasheet HTML 2Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 3Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 4Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 5Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 6Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 7Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 8Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 9Page - Infineon Technologies AG SRF55V10SC Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
my-d vicinity
SRF 55V10S
Short Product Information
7 / 10
2002-07-30
3
my-d vicinity products
my-d vicinity focuses on flexible memory and sector configuration with higher read/write distances.
This family of contactless memory chips supplies the user with different memory sizes and
optionally offers the use of security features meeting the requirements of variable applications. As
special feature the EAS (Electronic Article Surveillance) mode is built in to achieve higher and
more robust performance in the demanding EAS application.
my-d vicinity products are available in two memory sizes as well as in plain mode and in secure
mode:
• my-d vicinity plain mode with plain memory allowing unlimited access (SRF 55VxxP). Thus the
memory is organised in one sector.
• my-d vicinity secure mode allowing to configure counters and to secure memory access by
authentication measures (SRF 55VxxS). Thus the memory may be organised in up to 16
sectors with at least one sector in plain mode.
• 2,5 KBit memory sizes
32 pages with 10 Bytes (8 byte user data)
• 10 KBit memory sizes
128 pages with 10 Bytes (8 byte user data)
• In security mode advanced functions are available. Please refer to the relevant data book for
details.
All my-d vicinity products comply to the standard ISO/IEC 15693 for contactless vicinity smart
cards. The power supply and data are transferred to my-d products via an antenna. my-d vicinity is
designed to communicate up to a typical operating distance of 120 cm with a contactless reader in
an appropriate gate configuration.


Similar Part No. - SRF55V10SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V10P INFINEON-SRF55V10P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PC INFINEON-SRF55V10PC Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PMCC8 INFINEON-SRF55V10PMCC8 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PY1.0 INFINEON-SRF55V10PY1.0 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PY2.0 INFINEON-SRF55V10PY2.0 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
More results

Similar Description - SRF55V10SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V02S INFINEON-SRF55V02S Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V02P INFINEON-SRF55V02P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)???
2002-07-30
SRF55V10P INFINEON-SRF55V10P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com