Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3205L Datasheet(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Part # IRF3205L
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3205L Datasheet(HTML) 9 Page - Kersemi Electronic Co., Ltd.

Back Button IRF3205L Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF3205L Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TO-262 Part Marking Information
TO-262 Package Outline
IRF3205L
2014-8-28
9
www.kersemi.com


Similar Part No. - IRF3205L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205L IRF-IRF3205L Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205L IRF-IRF3205L Datasheet
609Kb / 10P
   HEXFET Power MOSFET
IRF3205L IRF-IRF3205L Datasheet
618Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF3205L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com