Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZY2Z100AC01 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # TZY2Z100AC01
Description  Ceramic Trimmer Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z100AC01 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2Z100AC01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZY2Z100AC01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
2.2
1.2
Tolerance: ±0.1
in mm
c Land Pattern
t3
t2
T3
T2
T5
T4
T1
time (s)
t1
Reflow Soldering Profile
qSoldering profile for Lead-free solder (96.5Sn/3Ag/0.5Cu)
Standard Profile
Pre-heating
Heating
Peak
temperature
(T3)
Cycle
of reflow
Temp. (T1)
Time (t1)
Temp. (T2)
Time (t2)
2 times
245±3°C
150 to 180°C 60 to 120sec.
220°C
30 to 60sec.
Limit Profile
Standard Profile
Standard Profile
Pre-heating
Heating
Cycle
of reflow
Temp. (T1)
Time (t1)
Temp. (T2)
Time (t2)
1 time
230 +5/-0°C
150°C
60 to 120sec.
183°C
30sec.
Limit Profile
Pre-heating
Heating
Cycle
of reflow
Temp. (T1)
Time (t1)
Temp. (T4)
Time (t3)
2 times
260 +5/-0°C
150 to 180°C 60 to 120sec.
230°C
30 to 50sec.
time (s)
Standard Profile
t1
T1
t2
T3
T2
wSoldering profile for Eutectic solder (63Sn/37Pb)
(Limit profile: refer to
q)
Soldering Iron
Standard Profile
Temperature of soldering iron tip
Soldering time
Soldering iron power output
350±10°C
3sec. max.
30W max.
1 time
Cycle of soldering iron
Peak
temperature
(T5)
Peak
temperature
(T3)
c Temperature Profile
c Notice (Storage and Operating Conditions)
T13E.pdf
Mar.12,2015
6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
1. Do not use the trimmer capacitor under atmosphere
of RTV silicone rubber (Room Temperature
Vulcanizing Silicone Rubber) except Acetone
liberating silicone sealant.
2. Before using trimmer capacitors, please store under
the conditions of -10 to +40°C and 30 to
85%RH.
3. Do not store in or near corrosive gasses.
4. Use within 6 months of delivery.
5. Do not store under direct sunlight.
6. Do not use the trimmer capacitor under the
conditions listed below.
(1) Corrosive gasses atmosphere
(ex. Chlorine gas, Hydrogen sulfide gas,
Ammonia gas, Sulfuric acid gas, Nitric oxide gas,
etc.)
(2) In liquid (ex. water, oil, medical liquid,
organic solvent, etc.)
(3) Dusty / dirty atmosphere
(4) Direct sunlight
(5) Static voltage or electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above


Similar Part No. - TZY2Z100AC01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZY2Z100AC01B00 MURATA-TZY2Z100AC01B00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z100AC01B00 MURATA1-TZY2Z100AC01B00 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2Z100AC01B00 MURATA1-TZY2Z100AC01B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2Z100AC01R00 MURATA-TZY2Z100AC01R00 Datasheet
202Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z100AC01R00 MURATA1-TZY2Z100AC01R00 Datasheet
269Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
More results

Similar Description - TZY2Z100AC01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com