Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1920 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 5Page - Infineon Technologies AG TC1920 Datasheet HTML 6Page - Infineon Technologies AG TC1920 Datasheet HTML 7Page - Infineon Technologies AG TC1920 Datasheet HTML 8Page - Infineon Technologies AG TC1920 Datasheet HTML 9Page - Infineon Technologies AG TC1920 Datasheet HTML 10Page - Infineon Technologies AG TC1920 Datasheet HTML 11Page - Infineon Technologies AG TC1920 Datasheet HTML 12Page - Infineon Technologies AG TC1920 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
TC1920
Preliminary
Data Sheet
5
V 1.3, 2003-10
Pin Configuration
Figure 3
TC1920 Pinning
LB G A 26 0
A
B
C
D
F
G
H
J
K
L
M
N
P
R
T
U
V
E
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
1
234
5
678
9
1 0
1 1
12
1 3
1 4
1 5
1 6
1 7
1 8
1
234
5
678
9
1 0
1 1
12
1 3
1 4
1 5
1 6
1 7
1 8
V
SS P
_O S C
V
SS _
OS C
V
DD R
AD 3 1
EBU
CL K
BF C L K
0
RD
RD/
WR
ALE
CS 1
CS 2
CS 3
V
DDP
P5 .9
BR K
OU T
OC D
SE
P0 .2
P0 .5
P0 .1
P1 .2
TD O
P3 .8
P0 .3
P1 .1
P3 .1 5 P3 .11
P3 .1 0
P3 .9
P3 .1 3
P0 .6
P3 .14
P3 .6
P2 .2
TC K
P2 .0
P2 .6
P3 .5
P3 .0
P2 .9
P2 .1
P2 .7
P2 .3
P2 .1 2
P2 .1 5
P2 .4
P2 .1 4
V
DDP_
COD0
P2 .8
P2 .1 0
P2 .13
P2 .1 1
CL K
OU T
AO 1 +
V
SSA_
COD0
BY
PA SS
AI1 +
V
GND _
COD
CE X T
AO -
CO DE
C_ DIS
AI0 +
V
SSP_
COD0
V
RE F_
COD
AO 1 -
P4 .0
AO +
P4 .4
V
SSP _
AD C
AI1 -
V
DD _
GUA R D
AI0 -
P4 .2
V
SS P _
OS C
V
SS _
PLL
P4 .1
V
SS A _
ADC
PLL C T R L
_A 0
V
DDP_
OS C
P4 .3
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
DDP
V
DDP
V
DDP
V
DDP
V
DDP
V
DDP
V
DDP
V
DDP
V
DDP
V
DDP
V
DDP
V
SS
V
SS
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DDR
AD 2 7
AD 3 0
AD 2 6
AD 2 8
AD 2 3
AD 2 4 AD 2 5
AD 1 8
AD 1 9
AD 2 0 AD 2 2
AD 2 1
AD 1 3
AD 1 4 AD 1 5
AD 1 7
AD 1 0
AD 1 1 AD 1 2
AD 1 6
AD 6
AD 5
AD 2
AD 3
AD 2 9
AD 8
AD 9
AD 7
AD 4
AD 1
AD 0
A2 2
A20
A2 1
A15
A1 8
A2 3
A1 9
A11
A1 4
A1 7
A8
A1 3
A1 6
A3
A5
A7
A0
A2
A9
A1 0
A4
A6
A1 2
A1
BC 1
BC 2
RA S
CA S
BC 3
CS 5
CS 4
BC 0
CS 6
CS
EMU
WA IT
BA A
CS 0
CM
DE L A Y
CS
OV L
CS
GL B
AD V
MR /W
CK E
P5 .1 2
P5 .1 4
P5 .1 5
P5 .8
P5 .7
P5 .1 1
P5 .1 3
P5 .5
P5 .2
P5 .6
P5 .1 0
P5 .3
P5 .1
P5 .4
P5 .0
BR KIN
TM S
V
DD_
SB
P1 .5
P1 .3
TR S T
TD I
P0 .0
P1 .6
P1 .4
P1 .0
P1 .7
P0 .4
P3 .2
P3 .3
P3 .1
P0 .7
SC AN
MO D E
P3 .7
P3 .1 2
P3 .4
P2 .5
NM I
PO R S
T
HRS T
V
SS P _
ADC
V
DD P _
ADC
V
SS P _
ADC
V
AG ND _
AD C
V
AR E F_
AD C
P4 .5
V
DD _
PLL
V
SS _
GUA R D
V
SS _
GUA R D
V
DD _
OS C1
XT AL 2
V
DDP_
OS C
XTA L 1
V
DD_
OS C2
XTAL4
XT AL 3
TM _
CT RL 0
TM _
CT RL 1
V
SS
V
SS
V
SS
V
SS
T O P VIEW


Similar Part No. - TC1920

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
   TC19 Power Gap Toroidal Inductors
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
   30 KHz - 12 GHz MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
   6 - 18 GHz 28dBm PA MMIC
More results

Similar Description - TC1920

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com