Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA785 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TCA785
Description  Phase Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TCA785 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TCA785 Datasheet HTML 3Page - Infineon Technologies AG TCA785 Datasheet HTML 4Page - Infineon Technologies AG TCA785 Datasheet HTML 5Page - Infineon Technologies AG TCA785 Datasheet HTML 6Page - Infineon Technologies AG TCA785 Datasheet HTML 7Page - Infineon Technologies AG TCA785 Datasheet HTML 8Page - Infineon Technologies AG TCA785 Datasheet HTML 9Page - Infineon Technologies AG TCA785 Datasheet HTML 10Page - Infineon Technologies AG TCA785 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Semiconductor Group
7
TCA 785
Pulse Extension versus Temperature
Ramp capacitance
Triggering point
Charge current
The minimum and maximum values of I10
are to be observed
min
max
tTr =
C10
500 pF
1
µF1)
2)
I10 =
2)
V11
× R9 × C10
VREF
× K
VREF
× K
R9
V10 max = VS – 2 V V10 =
VREF
× K × t
R9
× C10
2)
Ramp voltage
Application Hints for External Components
1) Attention to flyback times
2) K = 1.10
± 20 %


Similar Part No. - TCA785

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
TCA785 SIEMENS-TCA785 Datasheet
466Kb / 16P
   Phase Control IC
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
   Phase Control IC
More results

Similar Description - TCA785

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
   Phase Control IC
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
   Phase control IC TDA2086A
1997
logo
Sanyo Semicon Device
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
   Monolithic Linear IC Phase Control Voltage Inverter Control IC
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
   Synchronous Phase Shift Full-Bridge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com