Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


TCA785 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. TCA785
Description  Phase Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 1 page
background image
Semiconductor Group
1
TCA 785
This phase control IC is intended to control thyristors, triacs, and transistors. The trigger pulses
can be shifted within a phase angle between 0 ˚ and 180 ˚. Typical applications include
converter circuits, AC controllers and three-phase current controllers.
This IC replaces the previous types TCA 780 and TCA 780 D.
(top view)
Pin Configuration
Phase Control IC
TCA 785
Bipolar IC
Features
q
Reliable recognition of zero passage
q
Large application scope
q
May be used as zero point switch
q
LSL compatible
q
Three-phase operation possible (3 ICs)
q
Output current 250 mA
q
Large ramp current range
q
Wide temperature range
P-DIP-16-1
Type
Ordering Code
Package
TCA 785
Q67000-A2321
P-DIP-16-1
Pin
Symbol
Function
1
GND
Ground
2
3
4
Q2
Q U
Q2
Output 2 inverted
Output U
Output 1 inverted
5
VSYNC
Synchronous voltage
6
7
I
Q Z
Inhibit
Output Z
8
V REF
Stabilized voltage
9
10
R9
C10
Ramp resistance
Ramp capacitance
11
V11
Control voltage
12
C12
Pulse extension
13
L
Long pulse
14
15
Q 1
Q 2
Output 1
Output 2
16
VS
Supply voltage
Pin Definitions and Functions
09.94




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT503PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT738PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
C350MPhase Control SCR 115 Amperes Average 1600 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
C430Phase Control SCR 680 Amperes Avg 500-1300 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
C702LCPhase Control SCR 1000 Amperes Avg 2300-3200 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
CR400FMPhase Control SCR 400 Amperes Avg 1400-1800 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
FT500AHPhase Control SCR 320 Amperes Avg 3000-4000 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
T7600130Phase Control SCR 300 Amperes Avg 100-2000 Volts 1 2 3 4 Powerex Power Semiconductors
UAA145Phase Control Circuit for Industrial Applications 1 2 3 4 5 MoreTEMIC Semiconductors
DCR1279SDPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl