Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP05N50EJ-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP05N50EJ-HF
Description  Fast Switching Characteristic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP05N50EJ-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP05N50EJ-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP05N50EJ-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP05N50EJ-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP05N50EJ-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP05N50EJ-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP05N50EH/J-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized BVDSS v.s. Junction
Fig 4. Normalized On-Resistance
Temperature
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0.8
0.9
1
1.1
1.2
-40
0
40
80
120
T j , Junction Temperature (
o C)
0
2
4
6
8
0
4
8
1216
2024
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
8.0V
7.0V
6.0V
V G =5.0V
0
1
2
3
-50
0
50
100
150
T j , Junction Temperature (
o C )
I D =2A
V G =10V
0
1
2
3
4
5
0
5
10
15
20
25
30
V DS , Drain-to-Source Voltage (V)
T C =150
o C
10V
8.0V
7.0V
6.0V
V G =5.0V
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j = 150
o CT
j = 25
o C
0
0.5
1
1.5
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =250uA
I D =1mA


Similar Part No. - AP05N50EJ-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP05N50EJ-HF A-POWER-AP05N50EJ-HF Datasheet
68Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP05N50EJ-HF VBSEMI-AP05N50EJ-HF Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
Advanced Power Electron...
AP05N50EJ-HF A-POWER-AP05N50EJ-HF_14 Datasheet
68Kb / 4P
   Fast Switching Characteristic
More results

Similar Description - AP05N50EJ-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com