Selected language     English  ā–¼


TDA5100A Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. TDA5100A
Description  ASK Transmitter 434 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 9 page
background image
Functional Description
3 - 2
TDA 5100A
preliminary
Wireless Components
Specification, March 2001
3.1 Pin Configuration
Pin_config.wmf
Figure 3-1
IC Pin Configuration
Table 3-1Pin Configuration
Pin No.
Symbol
Function
1
PDWN
Power Down Mode Control
2
VS
Voltage Supply
3
GND
Ground
4
LF
Loop Filter
5
DATA
Amplitude Shift Keying Data Input
6
CLKOUT
Clock Driver Output
7
COSC
Crystal Oscillator Input
8
PAGND
Power Amplifier Ground
9
PAOUT
Power Amplifier Output
10
LPD
Low Power Detect Output
LP D
PAO U T
PAG N D
CO S C
CL K O UT
PD W N
VS
GN D
LF
DA T A
1
2
3
4
5
10
9
8
7
6
TD A 5100A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDK5100F434 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG
TDA5103AASK Transmitter 345 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5111ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TXC100Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range. 1 2 3 4 5 MoreRF Monolithics, Inc
AS3901ISM 433/315 MHz FSK/ASK Transmitter 1 2 3 4 5 Moreams AG
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
TDK5100ASK/FSK Transmitter 868/433 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDA5101AASK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101F315 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl