Selected language     English  ā–¼


TDA5101 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. TDA5101
Description  ASK Transmitter 315 MHz
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 3 page
background image
Productinfo
Product Info
TDA 5101A
preliminary
Semiconductor Group
Confidential
Specification, May 1999
Package
Ā±0.1
3
0.42 -0.1
+0.15
H
A
0.1
4.9
M
0.25
A B C
3Ā±0.1
C
B
A
0.08 M
0.22 Ā±0.05
A
C
B
0.5
Index Marking
Productinfo
General Description
The TDA5101A is a single chip
ASK transmitter for the frequency band
315 MHz. The IC offers a high level of
integration and needs only a few exter-
nal components. The device contains a
fully integrated PLL synthesizer and a
high efficiency power amplifier to drive
a loop antenna. A special circuit design
and an unique power amplifier design
are used to save current consumption
and therefore to save battery live. Addi-
tionally features like a power down
mode, a low power detect and a
divided clock output are implemented.
Features
s
fully integrated frequency synthe-
sizer
s
VCO without external components
s
high efficiency power amplifier
s
frequency range 315 MHz
s
ASK modulation
s
low supply current (typically < 7mA)
s
voltage supply range 2.1 - 4 V
s
power down mode
s
low voltage sensor
s
low external component count
Applications
s
Keyless entry systems
s
Remote control systems
s
Alarm systems
s
Communication systems
Ordering Information
Type
Ordering Code
Package
TDA 5101A
P-TSSOP-10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS3901ISM 433/315 MHz FSK/ASK Transmitter 1 2 3 4 5 Moreams AG
TDK5101ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101F315 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG
TDK5111ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
ASCELL3911ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG
ASCELL3912ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG
TDK5100ASK/FSK Transmitter 868/433 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5100F434 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG
TDA5100AASK Transmitter 434 MHz 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl