Selected language     English  ā–¼


TDA5102 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. TDA5102
Description  ASK/FSK Transmitter 915 MHz
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 9 page
background image
Functional Description
3 - 2
TDA 5102
Wireless Components
Specification, October 2001
3.1 Pin Configuration
Pin_config.wmf
Figure 3-1
IC Pin Configuration
Table 3-1
Pin No.
Symbol
Function
1
PDWN
Power Down Mode Control
2
LPD
Low Power Detect Output
3
VS
Voltage Supply
4
LF
Loop Filter
5
GND
Ground
6
ASKDTA
Amplitude Shift Keying Data Input
7
FSKDTA
Frequency Shift Keying Data Input
8
CLKOUT
Clock Driver Output
9
CLKDIV
Clock Divider Control
10
COSC
Crystal Oscillator Input
11
FSKOUT
Frequency Shift Keying Switch Output
12
FSKGND
Frequency Shift Keying Ground
13
PAGND
Power Amplifier Ground
14
PAOUT
Power Amplifier Output
15
FSEL
Frequency Range Selection: Has to be left open for
915 MHz operation
16
CSEL
Crystal Frequency Selection (7.15 or 14.3 MHz)
CSEL
FSEL
PAOUT
PAGND
FSKGND
FSKOUT
COSC
CLKDIV
PDWN
LPD
VS
LF
GND
ASKDTA
FSKDTA
CLKOUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDA 5102




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90C383A+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-65 MHz +3.3V LVDS Transmitter 24-Bit Flat Panel Display FPD Link-65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
MHW9033.5 W 890 to 915 MHz RF POWER AMPLIFIERS 1 2 3 4 5 MoreMotorola, Inc
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)
ASCELL3911ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG
TX5001315.00 MHz Hybrid Transmitter 1 2 3 4 5 MoreRF Monolithics, Inc
DS90CF363B+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD Link -65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
MHW91212.5 W 884 to 915 MHz RF POWER AMPLIFIER 1 2 3 4 5 MoreMotorola, Inc
DS90CF363+3.3V LVDS Transmitter 18-Bit Flat Panel Display FPD Linkā”€65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
ASCELL3912ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl