Selected language     English  ▼


TDA5102 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. TDA5102
Description  ASK/FSK Transmitter 915 MHz
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 10 page
background image
Functional Description
3 - 3
TDA 5102
Wireless Components
Specification, October 2001
3.2 Pin Definitions and Functions
Table 3-2
Pin
No.
Symbol
Interface Schematic
Function
1
PDWN
Disable pin for the complete transmitter cir-
cuit.
A logic low (PDWN < 0.7 V) turns off all
transmitter functions.
A logic high (PDWN > 1.5 V) gives access to
all transmitter functions.
PDWN input will be pulled up by 40 µA inter-
nally by either setting FSKDTA or ASKDTA
to a logic high-state.
2
LPD
This pin provides an output indicating the
low-voltage state of the supply voltage VS.
VS < 2.15 V will set LPD to the low-state.
An internal pull-up current of 40 µA gives the
output a high-state at supply voltages above
2.15 V.
3
VS
This pin is the positive supply of the trans-
mitter electronics.
An RF bypass capacitor should be con-
nected directly to this pin and returned to
GND (pin 5) as short as possible.
1
V
S
150 k
5 k
250 k
"ON"
40
µA ∗ (ASKDTA+FSKDTA)
V
S
300
2
40 µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90C383A+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-65 MHz +3.3V LVDS Transmitter 24-Bit Flat Panel Display FPD Link-65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
MHW9033.5 W 890 to 915 MHz RF POWER AMPLIFIERS 1 2 3 4 5 MoreMotorola, Inc
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)
ASCELL3911ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG
TX5001315.00 MHz Hybrid Transmitter 1 2 3 4 5 MoreRF Monolithics, Inc
DS90CF363B+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD Link -65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
MHW91212.5 W 884 to 915 MHz RF POWER AMPLIFIER 1 2 3 4 5 MoreMotorola, Inc
DS90CF363+3.3V LVDS Transmitter 18-Bit Flat Panel Display FPD Link─65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
ASCELL3912ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl