Electronic Components Datasheet Search
Selected language     English  ▼


TDA5102 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. TDA5102
Description  ASK/FSK Transmitter 915 MHz
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 2 page
background image
Edition 15.02.2001
Published by Infineon Technologies AG,
Balanstraße 73,
81541 München
© Infineon Technologies AG 2001.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes and circuits im-
plemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest
Infineon Technologies Office.
Infineon Technologies AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will take packing
material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components1 of the Infineon Technologies AG, may only be used in life-support devices or systems2 with the express written approval of the
Infineon Technologies AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the failure of that life-
support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain human life. If they
fail, it is reasonable to assume that the health of the user may be endangered.
ABM®, AOP®, ARCOFI®, ARCOFI®-BA, ARCOFI®-SP, DigiTape®, EPIC®-1, EPIC®-S, ELIC®, FALC®54, FALC®56, FALC®-E1, FALC®-LH, IDEC®, IOM®,
IOM®-1, IOM®-2, IPAT®-2, ISAC®-P, ISAC®-S, ISAC®-S TE, ISAC®-P TE, ITAC®, IWE®, MUSAC®-A, OCTAT®-P, QUAT®-S, SICAT®, SICOFI®, SICOFI®-
2, SICOFI®-4, SICOFI®-4µC, SLICOFI® are registered trademarks of Infineon Technologies AG.
ACE, ASM, ASP, POTSWIRE, QuadFALC, SCOUTare trademarks of Infineon Technologies AG.
Revision History
Current Version: 1.1 as of October 2001
Previous Version: 1.0, March 2001
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
2-2, 5-3, 5-6
2-2, 5-3, 5-6
Frequency range increased
3-3 ... 3-6
3-3 ... 3-6
ESD-structures added to interface schematics
3-10, 5-3
3-10, 5-3
Typical value for Power-Down-Mode current added
4-8 ... 4-10
Description of Application board deleted
5-2
5-2
Supply voltage range added to Absolute Maximum Ratings
5-2
5-2
ESD integrity specified in detail
5-3, 5-6
5-3, 5-6
Loop filter voltages adapted
5-4, 5-7
5-4, 5-7
Saturation voltage of Clock Driver Output reduced
5-5, 5-8
5-5, 5-8
Output Power Tolerances reduced




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90C383A+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-65 MHz +3.3V LVDS Transmitter 24-Bit Flat Panel Display FPD Link-65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
MHW9033.5 W 890 to 915 MHz RF POWER AMPLIFIERS 1 2 3 4 5 MoreMotorola, Inc
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)
ASCELL3911ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG
TX5001315.00 MHz Hybrid Transmitter 1 2 3 4 5 MoreRF Monolithics, Inc
DS90CF363B+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD Link -65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
MHW91212.5 W 884 to 915 MHz RF POWER AMPLIFIER 1 2 3 4 5 MoreMotorola, Inc
DS90CF363+3.3V LVDS Transmitter 18-Bit Flat Panel Display FPD Link─65 MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
ASCELL3912ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter 1 2 3 4 5 Moreams AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl