Selected language     English  ▼


TDA5103A Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. TDA5103A
Description  ASK Transmitter 345 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 10 page
background image
Functional Description
3 - 3
TDA 5103A
preliminary
Wireless Components
Specification, March 2001
3.2 Pin Definitions and Functions
Table 3-2
Pin
No.
Symbol
Interface Schematic
Function
1
PDWN
Disable pin for the complete transmitter cir-
cuit.
A logic low (PDWN < 0.7 V) turns off all
transmitter functions.
A logic high (PDWN > 1.5 V) gives access to
all transmitter functions.
PDWN input will be pulled up by 40 µA inter-
nally by setting DATA to a logic high-state.
2
VS
This pin is the positive supply of the trans-
mitter electronics.
An RF bypass capacitor should be con-
nected directly to this pin and returned to
GND (pin 3) as short as possible.
3
GND
General ground connection.
4
LF
Output of the charge pump and input of the
VCO control voltage.
The loop bandwidth of the PLL is 150 kHz
when only the internal loop filter is used.
The loop bandwidth may be reduced by
applying an external RC network referencing
to the positive supply VS (pin 2).
1
V
S
150 k
5 k
250 k
"O N "
40
µA ∗ DATA
V
S
10 k
4
35 k
15 pF
140 pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDK5111ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TXC100Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range. 1 2 3 4 5 MoreRF Monolithics, Inc
AS3901ISM 433/315 MHz FSK/ASK Transmitter 1 2 3 4 5 Moreams AG
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
TDK5100ASK/FSK Transmitter 868/433 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5100F434 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG
TDA5100AASK Transmitter 434 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDA5101AASK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101F315 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl