Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA3E100BN Datasheet(PDF) 1 Page - Rohm

Part # FA3E100BN
Description  Nch 30V 10A Middle Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FA3E100BN Datasheet(HTML) 1 Page - Rohm

  FA3E100BN Datasheet HTML 1Page - Rohm FA3E100BN Datasheet HTML 2Page - Rohm FA3E100BN Datasheet HTML 3Page - Rohm FA3E100BN Datasheet HTML 4Page - Rohm FA3E100BN Datasheet HTML 5Page - Rohm FA3E100BN Datasheet HTML 6Page - Rohm FA3E100BN Datasheet HTML 7Page - Rohm FA3E100BN Datasheet HTML 8Page - Rohm FA3E100BN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RQ3E100BN
  Nch 30V 10A Middle Power MOSFET
  
Datasheet
l
lOutline
VDSS
30V
HSMT8
           
RDS(on)(Max.)
10.4mΩ
 
ID
±10A
 
 
PD
2W
 
 
           
           
l
lInner circuit
l
lFeatures
1) Low on - resistance.
2) High Power Package (HSMT8).
3) Pb-free lead plating ; RoHS compliant.
4) Halogen Free.
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
330
l
lApplication
Tape width (mm)
12
Switching
Basic ordering unit (pcs)
3000
Taping code
TB
Marking
E100BN
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
30
V
Continuous drain current
ID
±10
A
Pulsed drain current
ID,pulse*1
±40
A
Gate - Source voltage
VGSS
±20
V
Power dissipation
PD*2
2
W
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
                                                                                         
                                                                                         
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
1/11
20141001 - Rev.001
 
   
 


Similar Part No. - FA3E100BN

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FA324F FS-FA324F Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
FA339F FS-FA339F Datasheet
333Kb / 4P
   QUAD VOLTAGE COMPARATORS
FA339P FS-FA339P Datasheet
333Kb / 4P
   QUAD VOLTAGE COMPARATORS
FA358DFN22 FS-FA358DFN22 Datasheet
408Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - FA3E100BN

ManufacturerPart #DatasheetDescription
logo
Rohm
RF4E100AJ ROHM-RF4E100AJ Datasheet
2Mb / 15P
   Nch 30V 10A Middle Power MOSFET
RQ3E100BN ROHM-RQ3E100BN Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com