Selected language     English  â–¼


TDA5103 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. TDA5103
Description  ASK Transmitter 345 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 11 page
background image
Functional Description
3 - 4
TDA 5103A
preliminary
Wireless Components
Specification, March 2001
5
DATA
Digital amplitude modulation can be
imparted to the Power Amplifier through this
pin.
A logic high (DATA > 1.5 V or open) enables
the Power Amplifier.
A logic low (DATA < 0.5 V)
disables the Power Amplifier.
6
CLKOUT
Clock output to supply an external device.
An external pull-up resistor has to be added
in accordance to the driving requirements of
the external device.
The clock output frequency is 2.7 MHz when
a crystal of 10.78 MHz is used.
7
COSC
This pin is connected to the reference oscil-
lator circuit.
The reference oscillator is working as a neg-
ative impedance converter. It presents a
negative resistance in series to an induc-
tance at the COSC pin.
The resonance frequency of the crystal
should be 10.78 MHz to achieve an output
frequency of 345 MHz.
+ 1 .2 V
90 k
Ω
5
50 pF
30
A
60 k
Ω
+1 .1 V
6
300
Ω
6 k

7
100
A
V
S




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDK5111ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TXC100Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range. 1 2 3 4 5 MoreRF Monolithics, Inc
AS3901ISM 433/315 MHz FSK/ASK Transmitter 1 2 3 4 5 Moreams AG
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
TDK5100ASK/FSK Transmitter 868/433 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5100F434 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG
TDA5100AASK Transmitter 434 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDA5101AASK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101F315 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl