Selected language     English  ā–¼


TDA5103 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. TDA5103
Description  ASK Transmitter 345 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 3 page
background image
Product Info
Product Info
Wireless Components
Specification, March 2001
Package
TDA 5103A
preliminary
Product Info
General Description
The TDA 5103A is a single chip ASK
transmitter for the frequency band 344-
347 MHz. The IC offers a high level of
integration and needs only a few exter-
nal components. The device contains a
fully integrated PLL synthesizer and a
high efficiency power amplifier to drive
a loop antenna. A special circuit design
and an unique power amplifier design
are used to save current consumption
and therefore to save battery life. Addi-
tionally features like a power down
mode, a low power detect and a divided
clock output are implemented.
Features
 fully integrated
frequency synthesizer
 VCO without external components
 high efficiency power amplifier
 frequency range 344-347 MHz
 ASK modulation
 low supply current (typically 7mA)
 voltage supply range 2.1 - 4 V
 power down mode
 low voltage sensor
 clock output for ĀµC
 low external component count
Applications
 Keyless entry systems
 Remote control systems
 Alarm systems
 Communication systems
Ordering Information
Type
Ordering Code
Package
TDA 5103A
Q67036-A1121
P-TSSOP-10
available on tape and reel




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDK5111ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TXC100Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range. 1 2 3 4 5 MoreRF Monolithics, Inc
AS3901ISM 433/315 MHz FSK/ASK Transmitter 1 2 3 4 5 Moreams AG
AS3902ISM 433 MHz ASK Transmitter 1 2 3 4 5 Moreams AG
TDK5100ASK/FSK Transmitter 868/433 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5100F434 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG
TDA5100AASK Transmitter 434 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101ASK/FSK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDA5101AASK Transmitter 315 MHz 1 2 3 4 5 MoreInfineon Technologies AG
TDK5101F315 MHz ASK/FSK Transmitter in 10-pin Package 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl