Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHPT61010NY Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHPT61010NY
Description  100 V, 10 A NPN high power bipolar transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHPT61010NY Datasheet(HTML) 4 Page - NXP Semiconductors

  PHPT61010NY Datasheet HTML 1Page - NXP Semiconductors PHPT61010NY Datasheet HTML 2Page - NXP Semiconductors PHPT61010NY Datasheet HTML 3Page - NXP Semiconductors PHPT61010NY Datasheet HTML 4Page - NXP Semiconductors PHPT61010NY Datasheet HTML 5Page - NXP Semiconductors PHPT61010NY Datasheet HTML 6Page - NXP Semiconductors PHPT61010NY Datasheet HTML 7Page - NXP Semiconductors PHPT61010NY Datasheet HTML 8Page - NXP Semiconductors PHPT61010NY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NXP Semiconductors
PHPT61010NY
100 V, 10 A NPN high power bipolar transistor
PHPT61010NY
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
20 March 2015
4 / 16
aaa-015929
Tamb (°C)
-75
225
125
25
4
2
6
8
Ptot
(W)
0
(1)
(2)
(3)
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 6 cm2
(3) FR4 PCB, standard footprint
Fig. 1. Power derating curves
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
100
K/W
[2]
-
-
41
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[3]
-
-
30
K/W
Rth(j-mb)
thermal resistance
from junction to
mounting base
-
-
6
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated mounting pad for collector 6 cm2.
[3] Device mounted on an ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.


Similar Part No. - PHPT61010NY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT61010NY NEXPERIA-PHPT61010NY Datasheet
720Kb / 16P
   100 V, 10 A NPN high power bipolar transistor
20 March 2015
More results

Similar Description - PHPT61010NY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT61010NY NEXPERIA-PHPT61010NY Datasheet
720Kb / 16P
   100 V, 10 A NPN high power bipolar transistor
20 March 2015
logo
NXP Semiconductors
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
PHPT61003NY NEXPERIA-PHPT61003NY Datasheet
732Kb / 17P
   100 V, 3 A NPN high power bipolar transistor
logo
NXP Semiconductors
PHPT60610NY NXP-PHPT60610NY Datasheet
251Kb / 17P
   60 V, 10 A NPN high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
MJD31C NEXPERIA-MJD31C Datasheet
230Kb / 11P
   100 V, 3 A NPN high power bipolar transistor
16 September 2020
MJD41C NEXPERIA-MJD41C Datasheet
229Kb / 11P
   100 V, 6 A NPN high power bipolar transistor
10 May 2021
PHPT60410NY NEXPERIA-PHPT60410NY Datasheet
719Kb / 15P
   40 V, 10 A NPN high power bipolar transistor
27 January 2015
PHPT60610NY NEXPERIA-PHPT60610NY Datasheet
271Kb / 13P
   60 V, 10 A NPN high power bipolar transistor
15 January 2019
logo
NXP Semiconductors
PHPT61006NY NXP-PHPT61006NY Datasheet
239Kb / 15P
   100 V, 6 A NPN high power bipolar transistor
26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com