Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FY07NPA200SM02-L366F08 Datasheet(PDF) 5 Page - Vincotech

Part # 10-FY07NPA200SM02-L366F08
Description  Low inductive design with integrated DC capacitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FY07NPA200SM02-L366F08 Datasheet(HTML) 5 Page - Vincotech

  10-FY07NPA200SM02-L366F08 Datasheet HTML 1Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 2Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 3Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 4Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 5Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 6Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 7Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 8Page - Vincotech 10-FY07NPA200SM02-L366F08 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
10-FY07NPA200SM02-L366F08
10-PY07NPA200SM02-L366F08Y
datasheet
Copyright Vincotech
5
16 Nov. 2015 / Revision 3
Out. Boost Switch
25
76
125
62
25
12
125
14
25
153
125
171
25
7
125
12
Q rFWD = 4,5 µC
25
1,709
Q rFWD = 9,2 µC
125
2,573
25
0,542
125
1,009
t d(off)
Fall time
t f
Turn-on energy (per pulse)
E on
mWs
Turn-off energy (per pulse)
E off
120
ns
Rise time
t r
R gon = 4 Ω
Turn-off delay time
Turn-on delay time
t d(on)
R goff = 4 Ω
±15
350
IGBT Switching
25
3,2
4
4,8
125
25
1,69
2,1
125
1,86
150
1,96
25
200
125
25
200
125
0,65
K/W
Thermal
Thermal resistance junc tion to sink
R th(j-s)
phase-change
material
ʎ
=3,4W /mK
200
25
420
nC
Reverse transfer capac itance
C res
42
Gate c harge
Q g
15
520
25
13120
pF
Output capacitance
C oes
194
none
Input capacitance
C ies
f=1 MHz
0
25
Internal gate resistance
r g
µA
Gate- emitter leakage c urrent
I GES
20
0
nA
Collec tor- emitter c ut-off current
I CES
0
650
Static
V GE [V] V CE [V]
I C [A]
V
Collec tor- emitter saturation voltage
V CEsat
15
200
V
Gate- emitter threshold voltage
V GE(th)
V GE=V CE
0,002
Parameter
Symbol
Conditions
Value
Unit
T j[ °C]
Min
Typ
Max


Similar Part No. - 10-FY07NPA200SM02-L366F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY07NPA150SM01-L364F08 VINCOTECH-10-FY07NPA150SM01-L364F08 Datasheet
2Mb / 32P
   Optimized for full rated bi-directional usage (4 quadrant operation)
10-FY07NPA150SM02-L365F08 VINCOTECH-10-FY07NPA150SM02-L365F08 Datasheet
2Mb / 28P
   Optimized for full rated bi-directional usage (4 quadrant operation)
More results

Similar Description - 10-FY07NPA200SM02-L366F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P624-F24-P2-14 VINCOTECH-V23990-P624-F24-P2-14 Datasheet
1Mb / 14P
   Low inductive design
FZ06BIA045FH02 VINCOTECH-FZ06BIA045FH02 Datasheet
3Mb / 30P
   Low inductive design
logo
Semikron International
SK50DGDL066ETE2 SEMIKRON-SK50DGDL066ETE2 Datasheet
355Kb / 6P
   Low inductive design
logo
Vincotech
30-P2126PA050SC-L287F09Y VINCOTECH-30-P2126PA050SC-L287F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
   Compact and low inductive design
30-P2126PA100SC-L289F09Y VINCOTECH-30-P2126PA100SC-L289F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
10-FY12B2A040MR-L387L68 VINCOTECH-10-FY12B2A040MR-L387L68 Datasheet
1Mb / 18P
   Compact and low inductive design
30-P2126PA100NB-L289F69Y VINCOTECH-30-P2126PA100NB-L289F69Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA150SC-L280F09Y VINCOTECH-30-P2126PA150SC-L280F09Y Datasheet
1Mb / 17P
   Compact and low inductive design
30-P2126PA075NB-L288F69Y VINCOTECH-30-P2126PA075NB-L288F69Y Datasheet
1Mb / 17P
   Compact and low inductive design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com