Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ06NRA041FS03-P965F78 Datasheet(PDF) 3 Page - Vincotech

Part # 10-FZ06NRA041FS03-P965F78
Description  Neutral point clamped inverter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NRA041FS03-P965F78 Datasheet(HTML) 3 Page - Vincotech

  10-FZ06NRA041FS03-P965F78 Datasheet HTML 1Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 2Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 3Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 4Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 5Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 6Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 7Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 8Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
10-FZ06NRA041FS03-P965F78
10-PZ06NRA041FS03-P965F78Y
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Boost Diode
Th=80°C
17
Tc=80°C
23
Th=80°C
33
Tc=80°C
50
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12,7
mm
min 12,7
mm
W
A
1200
V
VRRM
A
Tj=Tjmax
DC forward current
IF
Repetitive peak surge current
IFRM
20kHz Square Wave
36
Peak Repetitive Reverse Voltage
°C
Maximum Junction Temperature
Tjmax
150
-40…+(Tjmax - 25)
°C
Storage temperature
Tstg
-40…+125
°C
Power dissipation per Diode
Ptot
Tj=Tjmax
Clearance
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
copyright Vincotech
3
Revision: 4


Similar Part No. - 10-FZ06NRA041FS03-P965F78

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NRA041FS02-P965F68 VINCOTECH-10-FZ06NRA041FS02-P965F68 Datasheet
2Mb / 27P
   Neutral point clamped inverter
More results

Similar Description - 10-FZ06NRA041FS03-P965F78

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
FZ06NRA045FH VINCOTECH-FZ06NRA045FH Datasheet
2Mb / 27P
   neutral point clamped inverter
10-F106NIA100SA-M135F VINCOTECH-10-F106NIA100SA-M135F Datasheet
3Mb / 27P
   Neutral-point-Clamped inverter
10-FZ06NRA060FU-P967F08 VINCOTECH-10-FZ06NRA060FU-P967F08 Datasheet
966Kb / 27P
   Neutral point clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
FZ06NPA045FP VINCOTECH-FZ06NPA045FP Datasheet
3Mb / 25P
   neutral point clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com