Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ06NRA041FS03-P965F78 Datasheet(PDF) 4 Page - Vincotech

Part # 10-FZ06NRA041FS03-P965F78
Description  Neutral point clamped inverter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NRA041FS03-P965F78 Datasheet(HTML) 4 Page - Vincotech

  10-FZ06NRA041FS03-P965F78 Datasheet HTML 1Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 2Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 3Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 4Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 5Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 6Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 7Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 8Page - Vincotech 10-FZ06NRA041FS03-P965F78 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
10-FZ06NRA041FS03-P965F78
10-PZ06NRA041FS03-P965F78Y
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
1,25
1,88
1,95
Tj=125°C
1,22
Tj=25°C
1,37
Tj=125°C
0,70
Tj=25°C
0,05
Tj=125°C
0,05
Tj=25°C
0,027
Tj=125°C
Thermal resistance chip to heatsink per chip
RthJH
2,17
K/W
Tj=25°C
2,28
2,8
Tj=125°C
1,76
Tj=25°C
100
Tj=125°C
Tj=25°C
58
Tj=125°C
75
Tj=25°C
14
Tj=125°C
24
Tj=25°C
0,38
Tj=125°C
0,95
di(rec)max
Tj=25°C
17148
/dt
Tj=125°C
12194
Tj=25°C
0,06
Tj=125°C
0,14
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
1,74
K/W
Tj=25°C
41
Tj=125°C
82
Tj=25°C
2,4
3
3,6
Tj=125°C
Tj=25°C
100
Tj=125°C
Tj=25°C
5000
Tj=125°C
Tj=25°C
23
Tj=125°C
22
Tj=25°C
5
Tj=125°C
6
Tj=25°C
123
Tj=125°C
134
Tj=25°C
5
Tj=125°C
7
Tj=25°C
0,15
Tj=125°C
0,28
Tj=25°C
0,05
Tj=125°C
0,07
30
30
0,00296
30
Tj=25°C
600
350
44,4
30
350
600
VDS=VGS
20
10
10
10
100
480
0
10
Rgoff=2
Thermal grease
thickness≤50um
λ = 1 W/mK
Rgon=2
f=1MHz
Qg
td(ON)
Rds(on)
Ciss
Qgs
Qrr
trr
VF
rG
V(GS)th
Igss
tr
td(OFF)
IRRM
Eon
Qgd
Reverse recovered charge
Turn-off energy loss per pulse
Input capacitance
Erec
Diode forward voltage
Buck Diode
Peak reverse recovery current
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Gate to source charge
Gate threshold voltage
Eoff
RthJH
tf
Turn-on energy loss per pulse
Fall time
Static drain to source ON resistance
Buck MOSFET
Ir
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
Slope resistance (for power loss calc. only)
VF
Vt0
rt
Value
Conditions
Boost Inv. Diode
10
10
10
600
V
V
mA
Reverse current
Thermal grease
thickness≤50um
λ = 1 W/mK
A/µs
ns
A
V
mWs
uA
V
nC
nA
6530
150
0,7
0
0
Rgon=2
Total gate charge
Gate to Source Leakage Current
Turn On Delay Time
Rise Time
Zero Gate Voltage Drain Current
Idss
Output capacitance
Turn off delay time
Coss
Gate to drain charge
Gate resistor
Thermal resistance chip to heatsink per chip
Tj=25°C
0,90
36
360
K/W
µC
m
ns
mWs
µA
Reverse leakage current
Ir
pF
290
copyright Vincotech
4
Revision: 4


Similar Part No. - 10-FZ06NRA041FS03-P965F78

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NRA041FS02-P965F68 VINCOTECH-10-FZ06NRA041FS02-P965F68 Datasheet
2Mb / 27P
   Neutral point clamped inverter
More results

Similar Description - 10-FZ06NRA041FS03-P965F78

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
FZ06NRA045FH VINCOTECH-FZ06NRA045FH Datasheet
2Mb / 27P
   neutral point clamped inverter
10-F106NIA100SA-M135F VINCOTECH-10-F106NIA100SA-M135F Datasheet
3Mb / 27P
   Neutral-point-Clamped inverter
10-FZ06NRA060FU-P967F08 VINCOTECH-10-FZ06NRA060FU-P967F08 Datasheet
966Kb / 27P
   Neutral point clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
FZ06NPA045FP VINCOTECH-FZ06NPA045FP Datasheet
3Mb / 25P
   neutral point clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com