Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ06NRA060FU-P967F08 Datasheet(PDF) 11 Page - Vincotech

Part # 10-FZ06NRA060FU-P967F08
Description  Neutral point clamped inverter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NRA060FU-P967F08 Datasheet(HTML) 11 Page - Vincotech

Back Button 10-FZ06NRA060FU-P967F08 Datasheet HTML 7Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 8Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 9Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 10Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 11Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 12Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 13Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 14Page - Vincotech 10-FZ06NRA060FU-P967F08 Datasheet HTML 15Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
10-FZ06NRA060FU-P967F08
10-PZ06NRA060FU-P967F08Y
datasheet
Figure 25
IGBT
Figure 26
IGBT
Safe operating area as a function
Gate voltage vs Gate charge
of collector-emitter voltage
IC = f(VCE)
VGE = f(Qg)
At
At
D =
single pulse
IC =
60
A
Th =
80
ºC
VGE =
±15
V
Tj =
Tjmax
ºC
Buck
V CE (V)
10
3
10
0
10
-1
10
1
10
2
10
1
10
2
100uS
1mS
10mS
100mS
DC
10
0
10
3
0
3
6
9
12
15
0
50
100
150
200
Q g (nC)
200V
400V
10 Jun. 2015 / Revision 4
copyright Vincotech
11


Similar Part No. - 10-FZ06NRA060FU-P967F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NRA069FP02-P967F68 VINCOTECH-10-FZ06NRA069FP02-P967F68 Datasheet
1Mb / 7P
   Parallel switch for high speed and efficiency
More results

Similar Description - 10-FZ06NRA060FU-P967F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
FZ06NRA045FH VINCOTECH-FZ06NRA045FH Datasheet
2Mb / 27P
   neutral point clamped inverter
10-F106NIA100SA-M135F VINCOTECH-10-F106NIA100SA-M135F Datasheet
3Mb / 27P
   Neutral-point-Clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
FZ06NPA045FP VINCOTECH-FZ06NPA045FP Datasheet
3Mb / 25P
   neutral point clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com