Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ06NRA084FP02-P969F78 Datasheet(PDF) 8 Page - Vincotech

Part # 10-FZ06NRA084FP02-P969F78
Description  75A parallel switch (75A and 99m MOSFET)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NRA084FP02-P969F78 Datasheet(HTML) 8 Page - Vincotech

Back Button 10-FZ06NRA084FP02-P969F78 Datasheet HTML 4Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 5Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 6Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 7Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 8Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 9Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 10Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 11Page - Vincotech 10-FZ06NRA084FP02-P969F78 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
10-FZ06NRA084FP02-P969F78
10-PZ06NRA084FP02-P969F78Y
Figure 5
MOSFET+IGBT
Figure 6
MOSFET+IGBT
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Gate on/off resistor of IGBT is fix 4
Tj =
25/125
°C
Gate on/off resistor of IGBT is fix 4
VCE =
350
V
MOSFET turn off delayed with 350 nS
VCE =
350
V
MOSFET turn off delayed with 350 nS
VGE =
±15
V
VGE =
±15
V
Rgon =
4
IC =
40
A
Rgoff =
4
Figure 7
FWD
Figure 8
FWD
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(Ic)
Erec = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Gate on/off resistor of IGBT is fix 4
Tj =
25/125
°C
Gate on/off resistor of IGBT is fix 4
VCE =
350
V
MOSFET turn off delayed with 350 nS
VCE =
350
V
MOSFET turn off delayed with 350 nS
VGE =
±15
V
VGE =
±15
V
Rgon =
4
IC =
40
A
Buck
Eon High T
Eoff High T
Eon Low T
Eoff Low T
0,0
0,2
0,4
0,6
0,8
0
20
40
60
80
I C (A)
Eoff High T
Eon High T
Eon Low T
Eoff Low T
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0
20
40
60
80
R G ( Ω
Ω )
Erec High T
Erec Low T
0,00
0,05
0,10
0,15
0,20
0,25
0
20
40
60
80
I C (A)
Erec High T
Erec Low T
0,00
0,05
0,10
0,15
0,20
0
20
40
60
80
R G ( Ω
Ω )
25/125
25/125
25/125
25/125
copyright Vincotech
8
Revision: 1


Similar Part No. - 10-FZ06NRA084FP02-P969F78

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NRA084FP02-P969F68 VINCOTECH-10-FZ06NRA084FP02-P969F68 Datasheet
1Mb / 7P
   Parallel switch for high speed and efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com