Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4010AESB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG4010AESB
Description  40 V, 1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4010AESB Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG4010AESB Datasheet HTML 1Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 2Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 3Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 4Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 5Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 6Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 7Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 8Page - NXP Semiconductors PMEG4010AESB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PMEG4010AESB
40 V, 1 A low VF MEGA Schottky barrier rectifier
6 October 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an
integrated guard ring for stress protection in a leadless ultra small DSN1006-2 (SOD993)
Surface-Mounted Device (SMD) package.
2. Features and benefits
Average forward current: IF(AV) ≤ 1 A
Reverse voltage: VR ≤ 40 V
Low forward voltage, typical: VF = 435 mV
Low reverse current, typical: IR = 325 µA
Package height typ. 270 µm
3. Applications
Low voltage rectification
High efficiency DC-to-DC conversion
Switch mode power supply
Low power consumption applications
Ultra high-speed switching
LED backlight for mobile application
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF(AV)
average forward
current
δ = 0.5 ; f = 20 kHz; Tsp ≤ 145 °C;
square wave
-
-
1
A
VR
reverse voltage
Tj = 25 °C
-
-
40
V
VF
forward voltage
IF = 1 A; tp ≤ 300 µs; δ ≤ 0.02 ;
Tj = 25 °C
-
435
505
mV
VR = 20 V; tp ≤ 3 ms; δ ≤ 0.3 ;
Tj = 25 °C
-
30
115
µA
IR
reverse current
VR = 40 V; tp ≤ 3 ms; δ ≤ 0.3 ;
Tj = 25 °C
-
325
1250
µA


Similar Part No. - PMEG4010AESB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4010AESB NEXPERIA-PMEG4010AESB Datasheet
700Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
6 October 2015
More results

Similar Description - PMEG4010AESB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK_15 Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
PMEG4010ETP PHILIPS-PMEG4010ETP Datasheet
166Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4010ESB NXP-PMEG4010ESB Datasheet
204Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
24 June 2015
logo
Nexperia B.V. All right...
PMEG4010EPK NEXPERIA-PMEG4010EPK Datasheet
231Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
18 January 2018
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG4010CEGW NEXPERIA-PMEG4010CEGW Datasheet
720Kb / 12P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG4010CEA NEXPERIA-PMEG4010CEA Datasheet
697Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG4010AESB NEXPERIA-PMEG4010AESB Datasheet
700Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
6 October 2015
PMEG4010EGW NEXPERIA-PMEG4010EGW Datasheet
683Kb / 12P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG4010EGW-Q NEXPERIA-PMEG4010EGW-Q Datasheet
222Kb / 11P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
10 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com