Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ07NBA075SM-P916L58 Datasheet(PDF) 9 Page - Vincotech

Part # 10-FZ07NBA075SM-P916L58
Description  High efficiency symmetric boost
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ07NBA075SM-P916L58 Datasheet(HTML) 9 Page - Vincotech

Back Button 10-FZ07NBA075SM-P916L58 Datasheet HTML 5Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 6Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 7Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 8Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 9Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 10Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 11Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 12Page - Vincotech 10-FZ07NBA075SM-P916L58 Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
10-FZ07NBA075SM-P916L58
datasheet
Copyright Vincotech
22 Feb. 2016 / Revision 1
9
Thermistor Characteristics
Boost Inverse Diode Characteristics
Thermistor typical temperature characteristic
Typical Thermistor resistance values
Typical NTC characteristic
as a function of temperature
R T = f(T )
0
5000
10000
15000
20000
25000
25
50
75
100
125
T
(°C)
NTC-typical temperature characteristic
Typical forward characteristics
FWD
Transient thermal impedance as a function of pulse width
FWD
I F = f(V F)
Z th(j-s) = f(t p)
t p =
250
µs
25
°C
D =
t p / T
150 °C
R th(j-s) =
1,56
K/W
FWD thermal model values
R (K/W)
τ (s)
9,10E-02
2,00E+00
3,45E-01
1,68E-01
7,17E-01
4,13E-02
2,97E-01
7,43E-03
1,15E-01
1,80E-03
T j:
0
15
30
45
60
75
90
0
1
2
3
4
5
VF (V)
ttttpppp (s)
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0,000
10-4
10-3
10-2
10-1
100
101
102
10-2
10-1
100
101


Similar Part No. - 10-FZ07NBA075SM-P916L58

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ07NBA030SM01-P914L53 VINCOTECH-10-FZ07NBA030SM01-P914L53 Datasheet
342Kb / 7P
   Buck-Boost for battery management
More results

Similar Description - 10-FZ07NBA075SM-P916L58

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F106BIB020FK-M285L VINCOTECH-10-F106BIB020FK-M285L Datasheet
452Kb / 5P
   High efficiency symmetric boost
10-PZ06NBA041FS-P915L68Y VINCOTECH-10-PZ06NBA041FS-P915L68Y Datasheet
2Mb / 17P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
logo
Vincotech
V23990-P629-F72-PM VINCOTECH-V23990-P629-F72-PM Datasheet
1Mb / 19P
   High efficiency dual boost
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
logo
Vincotech
V23990-P629-L63-PM VINCOTECH-V23990-P629-L63-PM Datasheet
946Kb / 19P
   High efficiency dual boost
V23990-P623-L82-D2-14 VINCOTECH-V23990-P623-L82-D2-14 Datasheet
2Mb / 19P
   High efficiency dual boost
V23990-P629-F73-PM VINCOTECH-V23990-P629-F73-PM Datasheet
1Mb / 19P
   High efficiency dual boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com