Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-PZ12NMA080SH01-M260FY Datasheet(PDF) 2 Page - Vincotech

Part # 10-PZ12NMA080SH01-M260FY
Description  Mixed voltage component topology
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-PZ12NMA080SH01-M260FY Datasheet(HTML) 2 Page - Vincotech

  10-PZ12NMA080SH01-M260FY Datasheet HTML 1Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 2Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 3Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 4Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 5Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 6Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 7Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 8Page - Vincotech 10-PZ12NMA080SH01-M260FY Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
10-FZ12NMA080SH01-M260F
10-PZ12NMA080SH01-M260FY
datasheet
T j=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Neutral Point IGBT
T h=80°C
52
T c=80°C
68
T h=80°C
72
T c=80°C
109
t SC
T j≤150°C
6
µs
V CC
V GE=15V
360
V
Half Bridge FWD
T h=80°C
47
T c=80°C
62
I FSM
335
A
I
2t
560
A2s
T h=80°C
79
T c=80°C
119
Thermal Properties
Insulation Properties
V is
t=2s
DC voltage
4000
V
min 12,7
mm
8,95
mm
Maximum Junction Temperature
Short circuit ratings
DC collector current
Power dissipation
Repetitive peak collector current
°C
W
A
175
V
A
V
t p limited by T jmax
T j=Tjmax
Gate-emitter peak voltage
V CE
I CRM
Collector-emitter break down voltage
W
A
V
A
V RRM
V GE
T j=Tjmax
T jmax
P tot
T vj max≤ 150°C
T j=Tjmax
DC forward current
I F
Repetitive peak forward current
I FRM
t p limited by T jmax
t p=10ms , sin 180°
I C
Peak Repetitive Reverse Voltage
1200
°C
Maximum Junction Temperature
T jmax
175
-40…+(Tjmax - 25)
°C
Storage temperature
T stg
-40…+125
°C
100
Power dissipation
P tot
T j=Tjmax
Clearance
Insulation voltage
Creepage distance
T op
Operation temperature under switching condition
600
225
±20
150
Turn off safe operating area (RBSOA)
I cmax
A
V CE max = 600V
T j=125°C
Surge forward current
I2t-value
copyright Vincotech
2
13 May. 2015 / Revision 10


Similar Part No. - 10-PZ12NMA080SH01-M260FY

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ12NMA027MR-M340F68Y VINCOTECH-10-PZ12NMA027MR-M340F68Y Datasheet
668Kb / 6P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ12NMA040SH-M267FY VINCOTECH-10-PZ12NMA040SH-M267FY Datasheet
4Mb / 27P
   Neutral point clamped inverter
10-PZ12NMA040SH-M267FY VINCOTECH-10-PZ12NMA040SH-M267FY Datasheet
4Mb / 27P
   neutral point clamped inverter
More results

Similar Description - 10-PZ12NMA080SH01-M260FY

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ12NMA080SH-M269F VINCOTECH-10-FZ12NMA080SH-M269F Datasheet
2Mb / 26P
   Mixed voltage component topology
10-F012NME080SH-M910F09Y VINCOTECH-10-F012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-P012NME080SH-M910F09Y VINCOTECH-10-P012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-FZ12NMA080NS03-M260F38 VINCOTECH-10-FZ12NMA080NS03-M260F38 Datasheet
1Mb / 27P
   Mixed voltage component topology
10-F112M3A025SH-M746-F09 VINCOTECH-10-F112M3A025SH-M746-F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
10-F112M3A025SH-M746F09 VINCOTECH-10-F112M3A025SH-M746F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
10-FY12M3A040SH-M749F08 VINCOTECH-10-FY12M3A040SH-M749F08 Datasheet
2Mb / 26P
   3 phase mixed voltage component topology
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com