Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-F0062PA075SA01-P993F19 Datasheet(PDF) 2 Page - Vincotech

Part # 10-F0062PA075SA01-P993F19
Description  Trench Fieldstop IGBT technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F0062PA075SA01-P993F19 Datasheet(HTML) 2 Page - Vincotech

  10-F0062PA075SA01-P993F19 Datasheet HTML 1Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 2Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 3Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 4Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 5Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 6Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 7Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 8Page - Vincotech 10-F0062PA075SA01-P993F19 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FZ06 / F0062PA075SA01
preliminary datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12,7
mm
min 12,7
mm
Clearance
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
°C
Storage temperature
Tstg
-40…+125
°C
-40…+(Tjmax - 25)
2
Revision: 1
Copyright by Vincotech


Similar Part No. - 10-F0062PA075SA01-P993F19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F0062PA075SA-P993F09 VINCOTECH-10-F0062PA075SA-P993F09 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
More results

Similar Description - 10-F0062PA075SA01-P993F19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062PA150SA01-P995F18 VINCOTECH-10-FZ062PA150SA01-P995F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA200SA01-P996F18 VINCOTECH-10-FZ062PA200SA01-P996F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA150SC-P995F08 VINCOTECH-10-FZ062PA150SC-P995F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA100SA01-P994F18 VINCOTECH-10-FZ062PA100SA01-P994F18 Datasheet
344Kb / 6P
   Trench Fieldstop IGBT technology
10-FZ062PA100SA-P994F08 VINCOTECH-10-FZ062PA100SA-P994F08 Datasheet
506Kb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA200SA-P996F08 VINCOTECH-10-FZ062PA200SA-P996F08 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA100SC-P999F08 VINCOTECH-10-FZ122PA100SC-P999F08 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA150SC01-P990F18 VINCOTECH-10-FZ122PA150SC01-P990F18 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA150SC-P990F08 VINCOTECH-10-FZ122PA150SC-P990F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA075SA-P993F08 VINCOTECH-10-FZ062PA075SA-P993F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com