Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ062PA075SA-P993F08 Datasheet(PDF) 3 Page - Vincotech

Part # 10-FZ062PA075SA-P993F08
Description  Trench Fieldstop IGBT technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062PA075SA-P993F08 Datasheet(HTML) 3 Page - Vincotech

  10-FZ062PA075SA-P993F08 Datasheet HTML 1Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 2Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 3Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 4Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 5Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 6Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 7Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 8Page - Vincotech 10-FZ062PA075SA-P993F08 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FZ06 / F0062PA075SA
preliminary datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1
1,63
2,1
Tj=150°C
1,87
Tj=25°C
0,03
Tj=150°C
Tj=25°C
700
Tj=150°C
Tj=25°C
123
Tj=150°C
132
Tj=25°C
15
Tj=150°C
21
Tj=25°C
169
Tj=150°C
199
Tj=25°C
87
Tj=150°C
105
Tj=25°C
0,52
Tj=150°C
0,89
Tj=25°C
1,68
Tj=150°C
2,26
Thermal resistance chip to heatsink per chip
RthJH
0,92
Thermal resistance chip to case per chip
RthJC
Tj=25°C
1
1,64
2,1
Tj=150°C
1,59
Tj=25°C
93,621
Tj=150°C
110,6
Tj=25°C
100,9
Tj=150°C
128,2
Tj=25°C
3,24
Tj=150°C
6,5
di(rec)max
Tj=25°C
6615
/dt
Tj=150°C
4122
Tj=25°C
0,75
Tj=150°C
1,57
Thermal resistance chip to heatsink per chip
RthJH
1,37
Thermal resistance chip to case per chip
RthJC
K/W
Thermal grease
thickness
≤50um
λ = 1 W/mK
K/W
Thermal grease
thickness
≤50um
λ = 1 W/mK
V
pF
mWs
ns
ns
mA
465
4700
300
145
Rgon=2
0,0012
50
300
25
0
300
75
Gate-emitter leakage current
Integrated Gate resistor
Inverter Transistor
Gate emitter threshold voltage
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate charge
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Reverse recovered charge
Inverter Diode
Diode forward voltage
75
75
VCE=VGE
±15
f=1MHz
Rgoff=2
±15
Rgon=2
0
A
μC
mWs
A/
μs
Characteristic Values
Value
Conditions
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Collector-emitter saturation voltage
Turn-on energy loss per pulse
Collector-emitter cut-off current incl. Diode
Erec
Coss
Rgint
tf
Eon
Eoff
IRRM
td(on)
Crss
IGES
VGE(th)
VCE(sat)
ICES
Cies
Qrr
trr
VF
Peak reverse recovery current
Reverse transfer capacitance
QGate
tr
td(off)
0
±15
20
15
600
V
nC
V
nA
Tj=25°C
4
Tj=25°C
3
Revision: 1
Copyright by Vincotech


Similar Part No. - 10-FZ062PA075SA-P993F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062PA075SA01-P993F18 VINCOTECH-10-FZ062PA075SA01-P993F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
More results

Similar Description - 10-FZ062PA075SA-P993F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062PA150SA01-P995F18 VINCOTECH-10-FZ062PA150SA01-P995F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA200SA01-P996F18 VINCOTECH-10-FZ062PA200SA01-P996F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA075SA01-P993F18 VINCOTECH-10-FZ062PA075SA01-P993F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA150SC-P995F08 VINCOTECH-10-FZ062PA150SC-P995F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA100SA01-P994F18 VINCOTECH-10-FZ062PA100SA01-P994F18 Datasheet
344Kb / 6P
   Trench Fieldstop IGBT technology
10-FZ062PA100SA-P994F08 VINCOTECH-10-FZ062PA100SA-P994F08 Datasheet
506Kb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA200SA-P996F08 VINCOTECH-10-FZ062PA200SA-P996F08 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA100SC-P999F08 VINCOTECH-10-FZ122PA100SC-P999F08 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA150SC01-P990F18 VINCOTECH-10-FZ122PA150SC01-P990F18 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA150SC-P990F08 VINCOTECH-10-FZ122PA150SC-P990F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com