Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ062TA030FB01-P983D28 Datasheet(PDF) 7 Page - Vincotech

Part # 10-FZ062TA030FB01-P983D28
Description  Vincotech clip-in housing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062TA030FB01-P983D28 Datasheet(HTML) 7 Page - Vincotech

Back Button 10-FZ062TA030FB01-P983D28 Datasheet HTML 3Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 4Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 5Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 6Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 7Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 8Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 9Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 10Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
10-FZ062TA030(FB/FB01/FB02/FB03)-P983(D18/D28/D38/D48)
10-F0062TA030(FB/FB03)-P983(D19/D49)
preliminary datasheet
Figure 5
PFC SWITCH
Figure 6
PFC SWITCH
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(ID)
E = f(RG)
inductive load
inductive load
Tj =
25/125
°C
Tj =
25/125
°C
VDS =
400
V
VDS =
400
V
VGS =
15
V
VGS =
15
V
Rgon =
4
ID =
18
A
Rgoff =
4
Figure 7
PFC SWITCH
Figure 8
PFC SWITCH
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector (drain) current
as a function of gate resistor
Erec = f(Ic)
Erec = f(RG)
inductive load
inductive load
Tj =
25/125
°C
Tj =
25/125
°C
VDS =
400
V
VDS =
400
V
VGS =
15
V
VGS =
15
V
Rgon =
4
ID =
18
A
Rgoff =
4
PFC
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0,000
0,050
0,100
0,150
0,200
0,250
0,300
0
10
20
30
40
50
60
I C (A)
Tj = Tjmax - 25°C
Erec
Tj = 25°C
Erec
0,000
0,020
0,040
0,060
0,080
0,100
0,120
0,140
0,160
0
2
4
6
8
10
R G (
)
Eoff
Eon
Eon
Eoff
0,0
0,2
0,4
0,6
0,8
0
10
20
30
40
50
60
I C (A)
Tj = Tjmax -25°C
Eoff
Eon
Eon
Tj =25°C
Eoff
0,0
0,2
0,4
0,6
0,8
0
2
4
6
8
10
R G (
)
7
Revision:
3
Copyright by Vincotech


Similar Part No. - 10-FZ062TA030FB01-P983D28

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ062TA030SM-P986D13 VINCOTECH-10-FZ062TA030SM-P986D13 Datasheet
366Kb / 9P
   High-efficient rectifier
More results

Similar Description - 10-FZ062TA030FB01-P983D28

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA099FH-P980D18 VINCOTECH-10-FZ062TA099FH-P980D18 Datasheet
871Kb / 20P
   Vincotech clip-in housing
FZ06 VINCOTECH-FZ06 Datasheet
2Mb / 15P
   2-clip housing in 12mm and 17mm height
V23990-P868-F49-PM VINCOTECH-V23990-P868-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P866-F49-PM VINCOTECH-V23990-P866-F49-PM Datasheet
2Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P865-F49-PM VINCOTECH-V23990-P865-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P860-F49-PM VINCOTECH-V23990-P860-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P864-F49-PM VINCOTECH-V23990-P864-F49-PM Datasheet
742Kb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P869-F49-PM VINCOTECH-V23990-P869-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
logo
Pomona Electronics
6108 POMONA-6108 Datasheet
38Kb / 1P
   40 In. SOIC Clip Test Clip
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com